データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CTLL2012-R12K

  • AI
    ## CTLL2012-R12K: Electronic Components Overview The **CTLL2012-R12K** is a surface-mount (SMD) multilayer ceramic chip inductor. It is commonly used in high-frequency circuits for signal processing, filtering, and impedance matching. --- ### Technical Specifications The following table outlines the primary electrical and physical characteristics of this part: | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.12 µH (120 nH) | | **Tolerance** | ±10% (denoted by 'K') | | **Case Size (EIA/Metric)** | 0805 / 2012 | | **Self-Resonant Frequency (SRF)** | ~500 MHz (Minimum) | | **DC Resistance (DCR)** | ~0.50 Ω (Maximum) | | **Rated Current** | ~300 mA | | **Operating Temperature** | -40°C to +85°C | --- ### Part Number Breakdown Understanding the nomenclature helps in identifying equivalent parts: 1. **CTLL**: Series prefix (typically indicating Multilayer Chip Inductor). 2. **2012**: The physical dimensions in metric millimeters ($2.0 \text{ mm} \times 1.25 \text{ mm}$), equivalent to the **0805** imperial size. 3. **R12**: The inductance value. "R" acts as a decimal point. $R12 = 0.12 \text{ µH}$. 4. **K**: The tolerance code. $K = \pm10\%$. --- ### Key Applications Because this is a multilayer inductor (rather than wire-wound), it offers a compact form factor and magnetic shielding, making it ideal for: * **Mobile Communication:** High-frequency stages in smartphones and tablets. * **Filtering:** Reducing EMI (Electromagnetic Interference) in power lines or data lines. * **RF Circuits:** Impedance matching for Bluetooth, Wi-Fi, and GPS modules. * **General Consumer Electronics:** Used in DC-DC converters and signal decoupling. --- ### Physical Construction Unlike wire-wound inductors, the **CTLL2012** is built by layering conductive paste between ceramic sheets. This monolithic structure ensures: * Excellent mechanical strength. * High reliability in vibrating environments. * Closed magnetic circuit (minimizing crosstalk with nearby components).
    ✨ Follow-up Questions
    • ⤷What is the difference between a multilayer inductor and a wire-wound inductor?
    • ⤷ Can I substitute a CTLL2012-R12K with a ±5% (J) tolerance part?
    • ⤷ How does the SRF affect the performance of this inductor in high-frequency designs?