データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CTLL2012-R22J

  • AI
    The **CTLL2012-R22J** is a surface-mount (SMD) multilayer chip inductor. It is a passive electronic component commonly used in high-frequency circuits for filtering, impedance matching, and resonance. --- ### 1. Technical Specifications The part number follows a standard nomenclature that defines its physical and electrical characteristics: | Parameter | Value | Details | | :--- | :--- | :--- | | **Inductance** | 0.22 µH (220 nH) | The primary energy storage capability. | | **Tolerance** | ±5% (J) | The allowable variance from nominal inductance. | | **Case Size** | 0805 (Metric 2012) | Physical dimensions: 2.0mm x 1.25mm. | | **Material** | Multilayer Ceramic | High-frequency stability and compact design. | | **DC Resistance (DCR)** | ~0.45 Ω (Typical) | Internal resistance of the coil. | | **Rated Current** | ~250 mA | Maximum continuous current allowed. | | **Self-Resonant Freq.** | ~250 MHz | The frequency where the part stops acting as an inductor. | --- ### 2. Breakdown of the Part Number * **CTLL**: Series designation (typically Central Technologies Low Inductance Multilayer series). * **2012**: Metric size (2.0mm length × 1.25mm width). This is equivalent to **0805** in Imperial units. * **R22**: The Inductance code. "R" acts as a decimal point. $0.22\text{ µH}$. * **J**: Tolerance code. "J" represents $\pm5\%$. --- ### 3. Key Applications Because this component is a **multilayer ceramic inductor**, it is optimized for low-power, high-frequency signals rather than high-power energy storage. 1. **RF Circuits:** Used in impedance matching networks for antennas in Wi-Fi or Bluetooth modules. 2. **Filtering:** Acts as a low-pass filter to block high-frequency noise in communication devices (Smartphones, Tablets). 3. **Signal Integrity:** Used in high-speed data lines to suppress EMI (Electromagnetic Interference). 4. **Oscillators:** Part of LC circuits used to generate specific frequencies. --- ### 4. Comparison: Multilayer vs. Wire-wound The CTLL2012 is a **multilayer** type, which differs from traditional wire-wound inductors: * **Size:** Much smaller and lower profile. * **Reliability:** Better magnetic shielding and physical durability. * **Q-Factor:** Generally lower than wire-wound, meaning it has slightly higher losses at very specific frequencies, but better integration for miniaturized electronics.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between 0805 and 0603 inductor sizes in high-frequency circuits?
    • ⤷ How does the 'Q-factor' of this inductor affect its performance in a filter?
    • ⤷ Can this inductor be used in power supply buck converters?