データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CTLL2012F-R10J

  • AI
    The **CTLL2012F-R10J** is a high-frequency, multilayer ceramic chip inductor manufactured by Central Technologies. It is commonly used in RF (Radio Frequency) and wireless communication circuits due to its compact size and high performance. ### 1. Part Number Breakdown Understanding the nomenclature helps identify the component's key properties: | Segment | Code | Meaning | | :--- | :--- | :--- | | **Series** | CTLL | Low Loss Multilayer Inductor | | **Case Size** | 2012 | Metric size 2012 (EIA 0805) | | **Material** | F | Lead-free (RoHS Compliant) | | **Inductance** | R10 | 0.10 µH (or 100 nH) | | **Tolerance** | J | ±5% | --- ### 2. Technical Specifications The electrical characteristics are optimized for high-frequency stability and low power loss. | Parameter | Specification | | :--- | :--- | | **Inductance** | 100 nH (0.10 µH) | | **Tolerance** | ±5% | | **Test Frequency** | 25 MHz | | **Quality Factor (Q) Min** | 15 (at 25 MHz) | | **Self-Resonant Frequency (SRF)** | 450 MHz (Minimum) | | **DC Resistance (DCR)** | 0.45 Ω (Maximum) | | **Rated Current** | 300 mA (Maximum) | | **Operating Temperature** | -40°C to +125°C | --- ### 3. Key Features and Construction * **Multilayer Technology:** Unlike wire-wound inductors, this uses printed layers of conductive paste on ceramic sheets, resulting in a monolithic structure that is highly reliable and physically robust. * **Small Footprint:** The **0805 (2012 metric)** package size (approx. 2.0mm x 1.25mm) allows for high-density PCB mounting. * **Magnetic Shielding:** The multilayer structure inherently provides a level of magnetic shielding, reducing electromagnetic interference (EMI) with neighboring components. --- ### 4. Common Applications Due to its 100nH inductance and 300mA current rating, this part is typically used in: 1. **RF Matching Circuits:** Used in smartphones and tablets to match impedance in antenna circuits. 2. **Signal Filtering:** Used in high-speed data lines to filter out high-frequency noise. 3. **Local Oscillators:** Frequency stabilization in Bluetooth, Wi-Fi, and GPS modules. 4. **Decoupling:** Power supply decoupling for low-power RF ICs.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between multilayer and wire-wound inductors in RF design?
    • ⤷ How does the Self-Resonant Frequency (SRF) affect the choice of an inductor for a specific circuit?
    • ⤷ Are there equivalent parts from other manufacturers like Murata or TDK?