データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CTLQ1206CF-R22M

  • AI
    ## Technical Overview: CTLQ1206CF-R22M The **CTLQ1206CF-R22M** is a surface-mount (SMD) power inductor commonly used in compact electronic circuits. It belongs to the "Wire-wound Chip Inductor" category, specifically designed for high-frequency and power management applications. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the component's physical and electrical characteristics: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **CTLQ** | Series Prefix | Central Technologies Low Profile Inductor | | **1206** | Package Size | 3.2mm x 1.6mm (Imperial 1206 standard) | | **CF** | Core Material | Ferrite Core (High permeability/efficiency) | | **R22** | Inductance Value | **0.22 µH** (R denotes the decimal point) | | **M** | Tolerance | **±20%** | --- ### 2. Key Specifications These specifications define the operational limits of the part: * **Inductance:** 0.22 µH * **Operating Temperature:** -40°C to +125°C (Includes self-temperature rise) * **DC Resistance (DCR):** Typically very low (measured in mΩ) to minimize power loss. * **Rated Current (Isat/Irms):** Designed to handle high saturation currents relative to its small footprint. * **Construction:** Wire-wound on a ferrite core with a resin-coated exterior for protection and stability. --- ### 3. Core Features and Benefits 1. **Compact 1206 Footprint:** Ideal for high-density PCB designs where space is at a premium. 2. **Low Profile:** The "CF" series is generally designed to be thin, making it suitable for handheld devices. 3. **High Self-Resonant Frequency (SRF):** Allows the inductor to maintain its inductive properties at higher frequencies before behaving like a capacitor. 4. **Ferrite Material:** Ensures high magnetic flux density and low core losses. --- ### 4. Typical Applications This component is frequently found in: * **DC-DC Converters:** Voltage regulation for mobile phones and tablets. * **Filtering Circuits:** Removing high-frequency noise from power lines. * **Power Supplies:** Used in miniature switching power modules. * **EMI Suppression:** Reducing electromagnetic interference in communication devices. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum rated current for the CTLQ1206CF-R22M?
    • ⤷ How does the ferrite core affect the performance compared to a ceramic core?
    • ⤷ Are there recommended substitutes with lower DC resistance in the 1206 size?