データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CTM1F-R033K

  • AI
    The **CTM1F-R033K** is a high-performance **Molded Chip Inductor** (Surface Mount Device - SMD). These components are widely used in power management and signal filtering circuits where space is limited but high reliability is required. --- ## Technical Specifications The alphanumeric code "R033K" defines its electrical properties. Below is the technical breakdown: | Parameter | Value / Specification | | :--- | :--- | | **Component Type** | Molded Chip Inductor (SMD) | | **Inductance** | 0.033 µH (Microhenries) | | **Tolerance** | ±10% (Indicated by the "K") | | **Package Size** | Typically 1210 or 1812 (Depends on manufacturer series) | | **Construction** | Ferrite Core with Molded Encapsulation | | **Mounting Type** | Surface Mount (SMT) | --- ## Part Number Breakdown Understanding the nomenclature helps in identifying similar parts: 1. **CTM1F**: The Series identifier. "CT" usually refers to the manufacturer (often Central Technologies or similar), "M" denotes Molded, and "1F" indicates the specific frame or material size. 2. **R033**: The Inductance value. The "R" acts as a decimal point. * `R033` = 0.033 µH. 3. **K**: The Tolerance code. * **J** = ±5% * **K** = ±10% * **M** = ±20% --- ## Key Features & Applications ### Features * **Durability**: The molded construction provides excellent mechanical strength and resistance to environmental factors (moisture, vibration). * **High Self-Resonant Frequency (SRF)**: Due to the low inductance value (0.033 µH), this part is designed for high-frequency operations. * **Solderability**: Designed with end-caps that are highly resistant to soldering heat. ### Common Applications * **RF Circuits**: Used for impedance matching and high-frequency filtering. * **Decoupling**: Preventing noise from entering sensitive parts of a circuit. * **Telecommunications**: Found in mobile devices, base stations, and satellite equipment. * **Consumer Electronics**: Used in high-speed motherboards and tablets. --- ## Electrical Performance Example Because this is a very low inductance part (0.033 µH), it behaves almost like a straight wire at low frequencies but offers significant impedance at VHF (Very High Frequency) and UHF (Ultra High Frequency) ranges. ```text Inductance: 33 nH (nanohenries) Typical Test Frequency: 50 MHz - 100 MHz DC Resistance (DCR): Very Low (typically < 0.5 Ohms) ```
    ✨ Follow-up Questions
    • ⤷What is the maximum current rating (Irms) for the CTM1F series?
    • ⤷ How does a molded inductor differ from a wire-wound shielded inductor?
    • ⤷ What are the equivalent alternative part numbers from brands like TDK or Murata?