CTM1F-R33J
AI

The **CTM1F-R33J** is a specific electronic component belonging to the **Molded Inductor** family. It is commonly used in power management and signal filtering circuits.
Below is a detailed breakdown of its electronic characteristics and technical specifications.
### 1. Component Identification
The part number can be decoded based on standard industry naming conventions for inductors:
| Segment | Meaning | Detail |
| :--- | :--- | :--- |
| **CTM1F** | Series/Body Style | Molded Unshielded/Shielded Axial Inductor |
| **R33** | Inductance Value | 0.33 microhenries ($\mu H$) |
| **J** | Tolerance | $\pm 5\%$ |
---
### 2. Technical Specifications
While exact parameters can vary slightly by manufacturer (such as Central Technologies), the standard specifications for a 0.33$\mu H$ molded inductor are as follows:
| Parameter | Value | Unit |
| :--- | :--- | :--- |
| **Inductance** | 0.33 | $\mu H$ |
| **Tolerance** | $\pm 5$ | % |
| **DC Resistance (DCR) Max** | ~0.10 - 0.20 | $\Omega$ |
| **Rated Current (Max)** | ~800 - 1200 | $mA$ |
| **Self-Resonant Frequency (SRF)** | > 250 | $MHz$ |
| **Quality Factor (Q Min)** | ~35 - 45 | at specified freq |
---
### 3. Key Electronic Features
* **Molded Construction:** The coil is encapsulated in a flame-retardant epoxy resin. This provides excellent moisture resistance and mechanical strength, making it suitable for harsh environments.
* **Axial Leads:** This is a "through-hole" component with leads exiting from both ends (like a resistor), making it easy to mount on traditional PCBs.
* **Non-Shielded / Shielded Design:** Depending on the specific "CTM" sub-series, it may offer magnetic shielding to prevent Electromagnetic Interference (EMI) with neighboring components.
* **Color Coding:** Often marked with four color bands representing the inductance value and tolerance, similar to resistors.
---
### 4. Common Applications
Due to its low inductance ($0.33\mu H$) and high resonant frequency, the CTM1F-R33J is typically used for:
1. **RF Coupling/Decoupling:** Blocking high-frequency noise in radio frequency circuits.
2. **Signal Filtering:** Removing ripples in low-voltage power lines.
3. **Local Oscillators:** Used in tuning circuits where precise, low inductance is required.
4. **Telecommunications:** Used in modems and network interfaces for signal integrity.
---
### 5. Circuit Symbol
In a schematic, this component is represented by the standard inductor symbol:
```text
L1
---(uuuuu)---
0.33uH
```
- ⤷
What are the physical dimensions of the CTM1F series?
- ⤷ How does a 5% tolerance (J) compare to other common inductor tolerances?
- ⤷ Can this inductor be used in high-temperature automotive applications?