データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CTM2F-R47M

  • AI
    The **CTM2F-R47M** is a specific model of a **molded inductor** (also known as a fixed choke). It belongs to a series of surface-mount or axial leaded components designed for filtering and energy storage in electronic circuits. ### 1. Part Number Breakdown The part number can typically be decoded as follows: | Segment | Meaning | Value / Description | | :--- | :--- | :--- | | **CTM2F** | Series Series | Molded Unshielded/Shielded Inductor series | | **R47** | Inductance Value | 0.47 µH (Microhenries) | | **M** | Tolerance | ±20% | --- ### 2. Technical Specifications While exact parameters can vary slightly by manufacturer (such as Central Technologies), typical specifications for this part include: * **Inductance:** 0.47 µH. * **Tolerance:** ±20% (Standard for power and decoupling inductors). * **Core Material:** Usually Ferrite or Iron Powder, providing high permeability. * **Form Factor:** Molded construction, which provides excellent mechanical strength and environmental protection (moisture and shock resistance). * **Operating Temperature:** Generally rated from -55°C to +125°C. --- ### 3. Key Applications The CTM2F-R47M is used in scenarios where small size and reliability are critical: 1. **Signal Filtering:** Used in RLC circuits to filter out high-frequency noise from power lines or signal paths. 2. **DC/DC Converters:** Acts as an energy storage element in high-frequency switching regulators. 3. **Decoupling:** Prevents electromagnetic interference (EMI) from spreading between different stages of a circuit. 4. **Consumer Electronics:** Found in communication equipment, automotive sub-systems, and portable devices. --- ### 4. Physical Characteristics * **Encapsulation:** The "Molded" aspect means the coil is encased in a hard plastic or epoxy resin. This makes it ideal for automated assembly (Pick-and-Place machines). * **Durability:** High resistance to soldering heat and mechanical stress. --- ### 5. Equivalent Comparison If you are looking for alternatives, you should match the following parameters: ```json { "Inductance": "0.47uH", "Tolerance": "20%", "DCR": "Must be equal or lower than original", "Isat": "Saturation current must meet circuit peak requirements" } ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Irated) for the CTM2F-R47M?
    • ⤷ Can this inductor be used in high-frequency RF applications?
    • ⤷ What are the physical dimensions of the CTM2F series package?