データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CTMC1210-R022M

  • AI
    The **CTMC1210-R022M** is a high-frequency, surface-mount (SMD) wire-wound chip inductor. It is commonly used in power management and RF filtering circuits where high stability and low resistance are required. --- ### 1. Part Number Breakdown Understanding the alphanumeric code helps identify the component's physical and electrical characteristics: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **CTMC** | Series | Molded Chip Inductor (Wire-wound) | | **1210** | Case Size | Imperial dimensions (approx. 3.2mm x 2.5mm) | | **R022** | Inductance Value | **0.022 µH** (or 22 nH) | | **M** | Tolerance | **±20%** | --- ### 2. Key Technical Specifications Based on standard datasheets for the 1210 series molded inductors: * **Inductance:** 0.022 µH (22 nH). * **Test Frequency:** Typically measured at 1 MHz or 10 MHz depending on the specific manufacturer test conditions. * **DC Resistance (DCR):** Usually very low (in the range of 0.10 to 0.25 Ohms) due to the small inductance value. * **Rated Current:** High current capacity, often ranging from 450mA up to 1000mA (1A). * **Self-Resonant Frequency (SRF):** Very high (typically > 400 MHz), making it suitable for high-speed signal paths. * **Operating Temperature:** Generally rated for -40°C to +125°C. --- ### 3. Construction and Features * **Molded Construction:** The wire-wound coil is encapsulated in a plastic or resin mold. This provides excellent mechanical strength and resistance to moisture and vibration. * **Magnetic Shielding:** While not always fully shielded like a power inductor, the molded body provides some degree of protection against electromagnetic interference (EMI). * **Solderability:** Features high-quality termination (usually tin-plated) compatible with lead-free reflow soldering processes. --- ### 4. Common Applications This specific low-inductance value (22 nH) is typically found in: 1. **RF Circuits:** Used for impedance matching or high-frequency filtering. 2. **Decoupling:** Filtering high-frequency noise from power supply lines in mobile devices. 3. **Broadband Communication:** Signal conditioning in high-speed data transmission equipment. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum DC current rating for the CTMC1210-R022M?
    • ⤷ How does a wire-wound inductor compare to a multilayer inductor in the 1210 package?
    • ⤷ Can this inductor be used in high-temperature automotive applications?