データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CTMC1210-R033J

  • AI
    The **CTMC1210-R033J** is a surface-mount (SMD) wire-wound chip inductor. It is designed for high-frequency applications where precise inductance and stability are required. --- ## 1. Part Number Breakdown Understanding the alphanumeric code helps identify its core specifications: | Segment | Meaning | Detail | | :--- | :--- | :--- | | **CTMC** | Series | Molded Chip Inductor (General Purpose) | | **1210** | Case Size | 3.2mm x 2.5mm (EIA 1210 Metric) | | **R033** | Inductance | 0.033 µH (33 nH) | | **J** | Tolerance | ±5% | --- ## 2. Technical Specifications The electrical characteristics are optimized for filtering and resonance in high-speed circuits. * **Inductance:** 33 nH (nanohenries). * **Tolerance:** ±5% (standard precision). * **Operating Temperature:** -40°C to +125°C. * **Construction:** Wire-wound with a molded resin body for environmental protection. * **Mounting Type:** Surface Mount Device (SMD). --- ## 3. Key Applications Because of its small size and wire-wound design, it is commonly used in: * **RF Circuits:** Impedance matching and resonance. * **Telecommunications:** Signal filtering in mobile devices. * **DC/DC Converters:** High-frequency noise suppression. * **Consumer Electronics:** Power management in laptops and cameras. --- ## 4. Advantages 1. **High Q Factor:** Wire-wound inductors generally offer higher Quality (Q) factors compared to multilayer inductors, meaning lower energy loss. 2. **Molded Protection:** The resin body protects the internal wire coils from mechanical stress and moisture. 3. **High Self-Resonant Frequency (SRF):** Suitable for high-speed signal processing without parasitic interference.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the CTMC1210-R033J?
    • ⤷ How does a wire-wound inductor compare to a multilayer inductor in performance?
    • ⤷ What are the footprint dimensions for an EIA 1210 package?