データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CTMC1210-R033K

  • AI
    The **CTMC1210-R033K** is a specific surface-mount technology (SMT) inductor commonly used in radio frequency (RF) and signal filtering circuits. Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Component Identification The part number follows a standard nomenclature for **Molded Chip Inductors**: | Segment | Meaning | Detail | | :--- | :--- | :--- | | **CTMC** | Series | Molded Chip Inductor (Wire-wound type) | | **1210** | Case Size | 1210 Imperial (3.2mm x 2.5mm) | | **R033** | Inductance Value | 0.033 µH (or 33 nH) | | **K** | Tolerance | ±10% | --- ## 2. Technical Specifications These parameters define how the component behaves in an electronic circuit: ### Electrical Properties * **Inductance:** 0.033 µH (33nH). * **Tolerance:** ±10% (K). * **Quality Factor (Q):** Typically high (approx. 20-30 min) at a specific test frequency (usually 50 MHz), making it efficient for high-frequency filtering. * **Self-Resonant Frequency (SRF):** Usually above 1500 MHz. This is the limit after which the inductor acts as a capacitor. * **DC Resistance (DCR):** Low resistance (typically < 0.15 Ω) to minimize power loss. * **Rated Current:** The maximum continuous current (usually around 450mA - 500mA) it can handle without overheating or saturating. ### Physical Construction * **Molded Construction:** The wire coil is encapsulated in a hard plastic resin. This provides superior mechanical strength and resistance to moisture compared to open-wire inductors. * **Termination:** Lead-free (RoHS compliant) solder pads for SMT mounting. --- ## 3. Common Applications Due to its small size and high-frequency stability, the CTMC1210-R033K is used in: * **RF Tuning:** Used in impedance matching circuits for antennas. * **Signal Decoupling:** Removing high-frequency noise from power supply lines. * **Communication Devices:** Mobile phones, Wi-Fi modules, and Bluetooth transceivers. * **Automotive Electronics:** Sensors and infotainment systems where mechanical durability is required. --- ## 4. Comparison with Similar Parts | Feature | CTMC1210-R033K | CTMC1210-1R0K | | :--- | :--- | :--- | | **Inductance** | 0.033 µH | 1.0 µH | | **Application** | Very High Frequency | General Purpose / Lower Frequency | | **DCR** | Lower | Higher |
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the CTMC series?
    • ⤷ How does the 'R033' inductance value convert to nanohenries (nH)?
    • ⤷ What are the benefits of a molded inductor over a multilayer ceramic inductor?