データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CTMC1210F-R56M

  • AI
    The **CTMC1210F-R56M** is a surface-mount (SMD) wire-wound chip inductor designed for high-frequency filtering and power management in electronic circuits. It is part of the CTMC series, typically manufactured by companies like Central Technologies. --- ### 1. Specification Breakdown The part number follows a standard nomenclature that defines its physical and electrical characteristics: | Code Segment | Meaning | Details | | :--- | :--- | :--- | | **CTMC** | Series Code | Wire-wound Molded Chip Inductor | | **1210** | Case Size | 1210 (Imperial) / 3225 (Metric) | | **F** | Lead-Free/RoHS | Compliant with environmental standards | | **R56** | Inductance Value | 0.56 Microhenries ($\mu H$) | | **M** | Tolerance | $\pm 20\%$ | --- ### 2. Key Technical Characteristics Below are the typical electrical parameters associated with this specific component: * **Inductance:** $0.56 \mu H$ * **Dimensions:** $3.2mm \times 2.5mm \times 2.2mm$ (approx.) * **Case Size:** 1210 (Imperial). This is a medium-sized SMD footprint, larger than the standard 0805 but smaller than power inductors used in high-wattage converters. * **Construction:** Wire-wound core. This provides higher Q-factors and higher current handling compared to multilayer ceramic inductors. * **Molded Finish:** The "Molded" designation means the coil is encapsulated in a resin/plastic body, providing better physical protection and moisture resistance. --- ### 3. Applications and Usage This part is commonly used in the following scenarios: 1. **RF Filtering:** Due to its wire-wound nature, it is effective at filtering high-frequency noise in communication devices. 2. **DC-DC Converters:** Used as a storage element in low-power buck/boost converters. 3. **Decoupling:** Placed near IC power pins to prevent noise from entering the power rail. 4. **Signal Conditioning:** Used in video and audio circuits to maintain signal integrity. --- ### 4. Comparison with Alternatives Compared to other types of inductors, the **CTMC1210F** series offers a balance between performance and size: | Feature | Wire-Wound (CTMC1210F) | Multilayer Ceramic Inductor | | :--- | :--- | :--- | | **Current Rating** | Higher | Lower | | **Q-Factor** | High (Better efficiency) | Moderate | | **Cost** | Slightly Higher | Lower | | **Durability** | Excellent (due to molding) | Good |
    ✨ Follow-up Questions
    • ⤷What is the maximum current rating (IDC) for the CTMC1210F-R56M?
    • ⤷ How does the 'R' in R56 determine the decimal placement for inductance?
    • ⤷ Can this inductor be used in high-temperature automotive applications?