データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CTML0603F-R22M

  • AI
    The **CTML0603F-R22M** is a surface-mount multilayer chip inductor. It is designed for high-frequency circuits and general-purpose decoupling in compact electronic devices. ### 1. Part Number Breakdown Understanding the alphanumeric code helps identify the component's specifications: | Code Segment | Meaning | Specification | | :--- | :--- | :--- | | **CTML** | Series | Ceramic Multilayer Inductor | | **0603** | Case Size | 0.6mm x 0.3mm (EIA 0201 equivalent) | | **F** | Lead-Free | RoHS Compliant / Lead-free termination | | **R22** | Inductance Value | 0.22 microhenries ($\mu H$) or 220 nH | | **M** | Tolerance | $\pm 20\%$ | --- ### 2. Key Technical Specifications While exact values can vary slightly by manufacturer (often Central Technologies or similar), the standard specifications for this part class are: * **Inductance:** $0.22 \mu H$ (at a specific test frequency, usually 25 MHz). * **DC Resistance (DCR):** Relatively low (typically around $0.35 \Omega$ to $0.50 \Omega$ max). * **Rated Current:** Usually ranges between $100mA$ and $250mA$. * **Self-Resonant Frequency (SRF):** Typically > 250 MHz. * **Operating Temperature:** $-55^{\circ}C$ to $+125^{\circ}C$. --- ### 3. Construction and Features * **Multilayer Technology:** Unlike wire-wound inductors, these are made by layering conductive paste and ceramic material. This results in a monolithic, solid structure that is highly reliable. * **Magnetic Shielding:** The closed magnetic circuit minimizes crosstalk and electromagnetic interference (EMI) with surrounding components. * **Miniaturization:** The 0603 (metric) / 0201 (EIA) footprint is extremely small, making it ideal for smartphones, wearables, and high-density PCBs. --- ### 4. Common Applications Due to its small size and inductance value, the CTML0603F-R22M is typically used in: 1. **Mobile Communication:** Cell phones, GPS, and Bluetooth modules. 2. **Filtering:** Removing high-frequency noise from power lines. 3. **Signal Conditioning:** Impedance matching in RF circuits. 4. **Digital Equipment:** Motherboards and high-speed peripheral interfaces. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between multilayer inductors and wire-wound inductors?
    • ⤷ How do I calculate the ripple current limit for this specific inductor?
    • ⤷ Can you provide the footprint dimensions in millimeters for a PCB layout?