データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CTML0603F-R56M

  • AI
    The **CTML0603F-R56M** is a Surface Mount Device (SMD) multilayer chip inductor. It is commonly used in high-density circuit designs for high-frequency filtering and decoupling. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The part number follows a standard naming convention that reveals its physical and electrical properties. | Parameter | Specification | | :--- | :--- | | **Component Type** | Multilayer Chip Inductor | | **Package Size (EIA)** | 0603 (1.6mm x 0.8mm) | | **Inductance Value** | 0.56 µH (Microhenries) | | **Tolerance** | ±20% (Indicated by 'M') | | **Core Material** | Ferrite | | **Termination** | Standard Lead-free (RoHS Compliant) | --- ### 2. Electrical Characteristics These values define how the inductor performs under electrical load. * **Inductance (L):** 0.56 µH. This value is typically measured at a specific test frequency (usually 25 MHz). * **DC Resistance (DCR):** Usually ranges between **0.40Ω to 0.70Ω**. Lower DCR is preferred to minimize power loss as heat. * **Rated Current (Idc):** Generally rated between **100mA and 250mA**. Exceeding this current can lead to core saturation or overheating. * **Self-Resonant Frequency (SRF):** Typically above **100 MHz**. Operating the inductor near or above this frequency causes it to behave like a capacitor. * **Quality Factor (Q):** Usually has a minimum value (e.g., Q > 15-20) at the test frequency, indicating efficiency. --- ### 3. Key Features and Applications The multilayer construction offers a magnetic shield, preventing interference with surrounding components. #### **Main Features** * **Magnetic Shielding:** The closed magnetic circuit prevents crosstalk and Electromagnetic Interference (EMI). * **High Reliability:** No wire-wound structure means it is less prone to mechanical failure under vibration. * **Solderability:** Features nickel barrier terminations for excellent solder heat resistance. #### **Common Applications** 1. **Mobile Electronics:** Smartphones and tablets for power line filtering. 2. **Signal Processing:** High-frequency noise suppression in I/O lines. 3. **Power Management:** Used in small DC-DC converter circuits to smooth output current. 4. **Audio/Video:** Decoupling in sensitive analog circuits. --- ### 4. Part Number Decoding `CTML` `0603` `F` `-` `R56` `M` * **CTML:** Series Code (Multilayer Chip Inductor). * **0603:** Case size (0.06 x 0.03 inches). * **F:** Ferrite core material. * **R56:** Inductance value ($R$ acts as a decimal, so $0.56$ µH). * **M:** Tolerance code ($\pm 20\%$).
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the CTML0603 series?
    • ⤷ How does this inductor compare to a wire-wound inductor of the same value?
    • ⤷ What are the suggested footprints for PCB soldering of 0603 components?