データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CTML0603F-R82K

  • AI
    ## Overview of CTML0603F-R82K The **CTML0603F-R82K** is a surface-mount **Multilayer Chip Inductor** designed for high-frequency and general-purpose electronic circuits. It is part of the "CTML" series, which typically features a ceramic body with internal printed conductors. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the component's characteristics: | Code Segment | Meaning | Specification | | :--- | :--- | :--- | | **CTML** | Series | Multilayer Chip Inductor | | **0603** | Package Size | 0.06 x 0.03 inches (1.6 x 0.8 mm) | | **F** | Material Code | Ferrite/Ceramic Core Material | | **-R82** | Inductance Value | **0.82 µH** (microhenries) | | **K** | Tolerance | **±10%** | --- ### 2. Technical Specifications These are the typical electrical parameters for this specific part number: | Parameter | Value | | :--- | :--- | | **Inductance** | 0.82 µH | | **Tolerance** | ±10% | | **DC Resistance (DCR)** | ~0.70 Ω (Max) | | **Rated Current** | ~25 mA (Max) | | **Self-Resonant Frequency (SRF)** | ~60 MHz | | **Operating Temperature** | -55°C to +125°C | | **Termination** | Solder-plated (Ni/Sn) | --- ### 3. Key Features * **Multilayer Construction:** Provides high reliability and a compact form factor. * **Magnetic Shielding:** The multilayer structure acts as a natural shield, minimizing electromagnetic interference (EMI) with surrounding components. * **Standard Size:** The 0603 footprint is a global standard, compatible with high-speed automated assembly (Pick-and-Place). * **Excellent Q Factor:** Designed to maintain performance at high frequencies. --- ### 4. Common Applications * **Filtering:** Used in power supply lines to suppress high-frequency noise. * **RF Circuits:** Ideal for matching networks and resonance circuits in mobile phones and wireless devices. * **Signal Decoupling:** Preventing noise from traveling between different sections of a PCB. * **Portable Electronics:** Used in tablets, wearable tech, and laptops due to its small size. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a multilayer inductor and a wire-wound inductor?
    • ⤷ Can you provide a list of equivalent part numbers from other manufacturers?
    • ⤷ How does the SRF (Self-Resonant Frequency) affect this inductor's performance?