AI

The **CTML0805F-R15K** is a surface-mount multilayer chip inductor. This specific component is commonly used in high-frequency circuits for noise filtering, signal processing, and impedance matching.
Below is a detailed breakdown of its electronic characteristics and specifications.
### 1. Part Number Breakdown
Understanding the alphanumeric code helps identify the physical and electrical properties:
| Segment | Meaning | Detail |
| :--- | :--- | :--- |
| **CTML** | Series | Multilayer Chip Inductor (Ferrite Core) |
| **0805** | Case Size | 0.08 x 0.05 inches (2.0 x 1.25 mm) |
| **F** | Lead-Free | RoHS Compliant / Green packaging |
| **R15** | Inductance | 0.15 µH (Microhenries) |
| **K** | Tolerance | ±10% |
---
### 2. Technical Specifications
These parameters define the operational limits and performance of the inductor:
* **Inductance:** 0.15 µH
* **Tolerance:** ±10%
* **Test Frequency:** Typically measured at 25 MHz.
* **DC Resistance (DCR):** Usually low (approx. 0.40 - 0.60 Ω max), minimizing power loss as heat.
* **Rated Current:** The maximum continuous current it can handle (typically around 200mA to 300mA for this size/value).
* **Self-Resonant Frequency (SRF):** The frequency at which the part ceases to act as an inductor and begins to act as a capacitor (typically >250 MHz for this value).
---
### 3. Construction and Features
Unlike wire-wound inductors, the **CTML** series uses a multilayer process:
* **Material:** Ferrite-based magnetic material.
* **Structure:** Internal silver (Ag) electrodes are layered within the ferrite body, creating a monolithic structure.
* **Shielding:** Because the magnetic flux is contained within the body, these inductors are **self-shielding**, reducing electromagnetic interference (EMI) with surrounding components.
* **Durability:** Excellent solderability and resistance to soldering heat due to the nickel barrier termination.
---
### 4. Common Applications
Due to its small footprint and high-frequency characteristics, it is found in:
1. **Mobile Electronics:** Smartphones, tablets, and wearables.
2. **Filtering:** LC resonant circuits and low-pass filters for EMI suppression.
3. **Communication:** Bluetooth modules, Wi-Fi routers, and RF circuits.
4. **Decoupling:** Preventing high-frequency noise from entering the power supply rails of sensitive ICs.
---
- ⤷
What is the difference between a multilayer inductor and a wire-wound inductor?
- ⤷ How does the 'Self-Resonant Frequency' affect my circuit design?
- ⤷ Can this component be used in power supply switching regulators?