データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CTS1F-R12K

  • AI
    ## Technical Overview: CTS1F-R12K The **CTS1F-R12K** is a specific model of an **axial leaded molded inductor**. It is commonly used in electronic circuits for signal filtering, decoupling, and frequency suppression. ### 1. Key Specifications The following table summarizes the primary electrical characteristics of the CTS1F-R12K: | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.12 µH (Microhenries) | | **Tolerance** | ±10% (K Tolerance) | | **Inductance Code** | R12 (R represents the decimal point) | | **Mounting Type** | Through-hole (Axial Lead) | | **Case Type** | Molded / Shielded (Standard) | | **Typical Q Factor** | High (optimized for RF applications) | --- ### 2. Component Structure and Composition The "CTS1F" series refers to a specific manufacturing standard for fixed inductors. * **Core Material:** Usually made of a Ferrite or Phenolic core, depending on the frequency range. For low inductance values like 0.12 µH, it often utilizes a high-frequency core. * **Encapsulation:** The "Molded" designation means the coil is encased in a flame-retardant epoxy resin, protecting it from moisture, mechanical shock, and vibration. * **Lead Material:** Tinned copper leads for easy soldering. --- ### 3. Part Number Breakdown Understanding the nomenclature helps in identifying variants: | Part Segment | Meaning | | :--- | :--- | | **CTS1F** | Series designation (Axial Molded Inductor) | | **R12** | Inductance value: 0.12 µH | | **K** | Tolerance code: ±10% (J = 5%, M = 20%) | --- ### 4. Applications Due to its low inductance and compact axial design, the CTS1F-R12K is typically found in: * **RF Tuning:** Used in radio frequency circuits for matching and tuning. * **Filtering:** Low-pass or high-pass filters to remove unwanted noise from power or signal lines. * **Decoupling:** Preventing high-frequency noise from passing between different stages of a circuit. * **Telecommunications:** Signal processing in networking hardware. --- ### 5. Handling and Soldering * **Soldering:** Standard wave soldering or manual soldering (typically 260°C for 5-10 seconds). * **Orientation:** As a passive inductor, it is non-polarized, meaning it can be installed in either direction.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Imax) for this specific inductor series?
    • ⤷ Are there surface-mount (SMD) equivalents for the CTS1F-R12K?
    • ⤷ How does the 'K' tolerance affect circuit performance in high-precision RF designs?