データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CTS2F-R39K

  • AI
    The **CTS2F-R39K** is a specific electronic component belonging to the family of **Fixed Inductors** (specifically Conformal Coated Choke Coils). It is commonly used for filtering, decoupling, and suppression in electronic circuits. ### 1. Component Specifications The alphanumeric code "R39K" defines the electrical characteristics of the inductor. | Parameter | Value / Description | | :--- | :--- | | **Inductance** | 0.39 µH (Microhenries) | | **Tolerance** | ±10% (Indicated by the "K") | | **Core Material** | Phenolic or Ferrite (depending on series) | | **Termination Style** | Axial Leaded | | **Coating** | Epoxy Conformal Coating | --- ### 2. Breakdown of the Part Number Understanding the nomenclature helps in identifying equivalent parts: * **CTS2F**: The series designation, typically indicating a standard axial leaded inductor with a specific body size and molded or coated construction. * **R39**: The inductance value. "R" acts as the decimal point. $0.39$ units. * **K**: The tolerance code. * J = ±5% * **K = ±10%** * M = ±20% --- ### 3. Key Technical Characteristics In addition to its inductance, the following electrical factors are critical for circuit design: 1. **Self-Resonant Frequency (SRF):** The frequency at which the component stops acting as an inductor and begins acting as a capacitor. For a 0.39 µH inductor, the SRF is typically very high (often >400 MHz). 2. **DC Resistance (DCR):** The internal resistance of the wire. Lower DCR is preferred to minimize power loss and heat. 3. **Rated Current (I-sat / I-rms):** The maximum current the inductor can handle before the magnetic core saturates or the temperature rises beyond safe limits. --- ### 4. Common Applications Due to its small size and axial leaded format, the CTS2F-R39K is frequently found in: * **RF Coupling/Decoupling:** Used to block high-frequency noise in radio frequency circuits. * **Power Supplies:** Acts as a filter to smooth out ripples in low-current DC lines. * **Signal Processing:** Used in filters (Low-pass/High-pass) to shape signal integrity. --- ### 5. Identification Schematic When looking at the physical part, it often uses a color-coding system (similar to resistors) or direct text printing: ```text _________________________ | | -----| [ Orange | White | Silver | Gold ] |----- |_________________________| (Example of Color Banding for 0.39µH) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the CTS2F-R39K?
    • ⤷ How does a conformal coating benefit this inductor compared to an open-coil design?
    • ⤷ What are the common alternatives if this specific part is out of stock?