データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CTX150-2-R

  • AI
    The **CTX150-2-R** is a high-performance, dual-winding surface mount (SMD) inductor part of the **OCTA-PAC® PLUS** series, originally manufactured by Coiltronics (now a brand under **Eaton / Bussmann**). --- ## 1. Technical Specifications The CTX150-2-R is designed for versatility, allowing the two internal windings to be connected in series or parallel. | Parameter | Specification (Parallel) | Specification (Series) | | :--- | :--- | :--- | | **Inductance (L)** | 150 µH | 600 µH | | **DC Resistance (DCR) Max** | 0.443 Ω | 1.772 Ω | | **Isat (Saturation Current)** | 1.01 A | 0.50 A | | **Irms (Rated Current)** | 0.88 A | 0.44 A | | **Operating Temp** | -40°C to +125°C | -40°C to +125°C | --- ## 2. Key Features and Construction ### A. Material Composition * **Core Type:** Powered Iron core. This provides high saturation current capabilities and lowers the risk of abrupt inductance drop-off. * **Winding:** It features two identical windings (1:1 turns ratio). * **Shielding:** It is an unshielded design but features a robust, low-profile epoxy-encapsulated package for environmental protection. ### B. The "R" Suffix The **-R** at the end of the part number indicates that the component is **RoHS Compliant** (Lead-free), meeting modern environmental and regulatory standards. ### C. Magnetic Coupling Because the two windings are wound on the same core, they are magnetically coupled. This makes the part suitable for more than just standard filtering. --- ## 3. Common Applications The dual-winding nature of the CTX150-2-R allows it to function in several circuit topologies: * **Flyback Transformers:** Used as a 1:1 transformer for isolated power supplies. * **SEPIC Converters:** Acts as the coupled inductor required for Single-Ended Primary-Inductor Converters. * **Common Mode Choke:** Used to filter out electromagnetic interference (EMI) in power lines. * **DC-DC Buck/Boost:** Used as a standard inductor when windings are tied together to increase current capacity or inductance. --- ## 4. Physical Dimensions (Size 2) The "2" in the part number refers to the physical size of the OCTA-PAC PLUS housing: * **Length:** ~11.4 mm * **Width:** ~11.4 mm * **Height:** ~4.8 mm
    ✨ Follow-up Questions
    • ⤷ What are the wiring diagrams for connecting the CTX150-2-R in series vs. parallel?
    • ⤷ What are the alternatives if I need a shielded version of this inductor?
    • ⤷ How does the 'Plus' version differ from the standard OCTA-PAC series?