データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CTX200-2P-R

  • AI
    ## Technical Overview: CTX200-2P-R The **CTX200-2P-R** is a high-performance, shielded power inductor designed primarily for DC-DC converters and energy storage applications. It is part of the **OCTA-PAC® PLUS** series manufactured by Eaton (formerly Cooper Bussmann). --- ### 1. Key Specifications Below are the primary electronic characteristics of the CTX200-2P-R: | Parameter | Specification | |:---|:---| | **Inductance** | 200 µH (Nominal) | | **Tolerance** | ±20% | | **Rated Current (Irms)** | ~1.10 Amps | | **Saturation Current (Isat)** | ~0.84 Amps | | **DC Resistance (DCR)** | 0.380 Ohms (Max) | | **Configuration** | 2 Windings (Dual) | | **Mounting Type** | Surface Mount (SMD) | --- ### 2. Physical and Material Composition The "R" suffix in the part number indicates that the component is **RoHS compliant**, meaning it is lead-free and environmentally friendly. * **Core Material:** Typically a Powder Iron core. This material is chosen for its high saturation flux density and stability over a wide temperature range. * **Shielding:** The component is magnetically shielded to minimize Electromagnetic Interference (EMI), making it ideal for densely packed circuit boards. * **Dual Winding Design:** This specific model features two separate windings. This allows for versatility in circuit design: * **Series Connection:** Increases inductance. * **Parallel Connection:** Increases current handling capability. * **Transformer Mode:** Can be used as a 1:1 transformer or common-mode choke. --- ### 3. Electronic Applications The CTX200-2P-R is commonly integrated into the following systems: 1. **Switch-Mode Power Supplies (SMPS):** Used for energy storage in Buck, Boost, or SEPIC converters. 2. **Filtering:** Acts as a high-frequency filter to remove noise from power lines. 3. **Battery Powered Equipment:** Its compact SMD footprint and efficiency make it suitable for portable electronics. 4. **Isolation:** Due to the dual windings, it can provide basic functional isolation between two circuits. --- ### 4. Terminal Configuration When integrating this part into a PCB layout, it is important to note the polarity (indicated by a dot on the top of the casing). ```text Winding 1: Terminals 1 and 4 Winding 2: Terminals 2 and 3 ``` *Connecting 2 to 4 puts the windings in series; connecting 1 to 2 and 3 to 4 puts them in parallel.*
    ✨ Follow-up Questions
    • ⤷ How does the saturation current change when connecting the windings in parallel?
    • ⤷ What is the recommended solder reflow profile for the CTX series?
    • ⤷ What are the alternatives to the CTX200-2P-R for higher temperature environments?