データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CTX210609-R

  • AI
    The **CTX210609-R** is a specialized electronic component, specifically a **high-frequency power inductor** or **transformer** manufactured by Eaton (formerly Cooper Bussmann/Coiltronics). It is commonly found in DC-DC converters and power management circuits. --- ### 1. Key Technical Specifications The "CTX" series typically refers to Octa-Pac® or Econopac® power components. Below are the general characteristics associated with this part number: | Property | Description | | :--- | :--- | | **Component Type** | Surface Mount (SMD) Power Inductor / Transformer | | **Inductance** | Typically defined by the specific dash number (often in the $\mu H$ range) | | **Configuration** | Toroidal Core (low EMI radiation) | | **Mounting Style** | Gull-wing leads for SMT | | **Operating Temp** | -40°C to +125°C | --- ### 2. Physical Structure & Design The CTX210609-R is designed with specific architectural choices to optimize power delivery: * **Toroidal Core:** The use of a ring-shaped core helps contain the magnetic flux within the component, which significantly reduces **Electromagnetic Interference (EMI)** with neighboring components on the PCB. * **Dual Winding:** Many components in this series feature two separate windings. This allows them to be used as: 1. A single inductor (windings in series). 2. A high-current inductor (windings in parallel). 3. A 1:1 isolation transformer. 4. A common-mode choke. --- ### 3. Common Applications Due to its high efficiency and compact size, the CTX210609-R is integrated into the following systems: 1. **DC-DC Converters:** Used in Buck, Boost, or SEPIC topologies to store energy. 2. **Input/Output Filtering:** Acts as a common-mode choke to filter out high-frequency noise in power lines. 3. **Battery Powered Devices:** Ideal for portable electronics where space is limited and low energy loss (low DCR) is required. 4. **Computer Peripherals:** Frequently found on motherboards or expansion cards for local voltage regulation. --- ### 4. Part Number Breakdown (Suffix Meaning) * **CTX:** Brand series (Coiltronics/Eaton). * **210609:** Specific internal design/dimensions code. * **-R:** Indicates **RoHS Compliance**, meaning the part is lead-free and meets environmental safety standards. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific inductance and current ratings for the CTX210609-R?
    • ⤷ Can this component be used as a 1:1 isolation transformer?
    • ⤷ What are the recommended soldering profiles for this SMT inductor?