データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CTX300-3P-R

  • AI
    The **CTX300-3P-R** is a specific variant of a gas detector (typically manufactured by Oldham/Teledyne). This model is a 3-wire, 4-20 mA analog transmitter designed for hazardous areas. Below is an explanation of its core electronic parts, technical specifications, and wiring configurations. --- ### 1. Key Electronic Components The device consists of several modular electronic layers that allow for sensing and signal transmission: | Component | Function | | :--- | :--- | | **Sensing Element** | Usually an electrochemical cell or catalytic bead (pellistor) that reacts to specific gases. | | **Preamplifier** | Amplifies the low-level millivolt signals from the sensor into a stable electronic signal. | | **Microprocessor** | Manages calibration data, temperature compensation, and fault diagnostics. | | **4-20 mA Output Stage** | Converts the processed data into a standard analog current loop for communication with a PLC or Controller. | | **Potentiometers** | Manual adjustment points for Zero and Span calibration (found on older/analog versions). | --- ### 2. Technical Specifications The "3P-R" suffix typically denotes specific hardware features like a 3-wire connection and integrated Relays. * **Supply Voltage:** 15V to 32V DC. * **Output Signal:** 4-20 mA linear. * **Relays (R):** The "R" in the model name indicates the inclusion of **integrated relays** for local alarm triggering (High, Low, and Fault). * **Display:** Optional LCD for real-time concentration readings. * **Enclosure:** Often polycarbonate or stainless steel, designed for ATEX/IECEx zones. --- ### 3. Wiring and Connectivity As a **3-wire** device, the electronics are connected as follows: 1. **Positive (+):** 24V DC Power supply. 2. **Negative (-):** Common ground. 3. **Signal (S):** 4-20 mA output signal to the control unit. 4. **Relay Contacts:** Potential-free contacts (NO/NC) for controlling external sirens or fans. --- ### 4. Safety & Protection Electronics * **Reverse Polarity Protection:** Prevents damage if the + and - wires are swapped. * **Fault Current:** The electronics are programmed to output a specific current (e.g., < 1mA or > 22mA) to indicate a hardware failure or sensor end-of-life. * **EMI/RFI Shielding:** Filters out electromagnetic interference from radios or nearby high-voltage machinery. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific gas types compatible with the CTX300-3P-R sensor?
    • ⤷ How do you perform a zero and span calibration on this model?
    • ⤷ What is the difference between the 2-wire and 3-wire versions of the CTX300?