データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CTX310411-R

  • AI
    The **CTX310411-R** is a high-performance **Common Mode Choke** (dual inductor) manufactured by **Eaton (formerly Cooper Bussmann/Coiltronics)**. It belongs to the **OCTA-PAC® PLUS** series, which is specifically designed for high-density power applications. --- ## 1. Technical Specifications The following table outlines the core electrical and physical parameters of the CTX310411-R: | Parameter | Value / Specification | | :--- | :--- | | **Inductance** | 10.1 µH (per winding) | | **Current Rating (Irms)** | 4.88 Amps | | **Saturation Current (Isat)** | 7.42 Amps | | **DCR (DC Resistance)** | 0.0215 Ω (Max) | | **Configuration** | Dual Winding (Toroidal Core) | | **Mounting Type** | Surface Mount (SMD / SMT) | | **Operating Temperature** | -40°C to +125°C | | **Size / Dimension** | 13.97mm x 11.43mm x 5.97mm | --- ## 2. Key Features and Construction The "R" suffix in the part number indicates that the component is **RoHS compliant**. * **Dual Winding Design:** It consists of two identical windings on a single magnetic core. This allows it to be used in multiple configurations: * **Common Mode Choke:** To filter noise. * **Series Inductor:** Connecting windings in series to double the inductance. * **Parallel Inductor:** Connecting windings in parallel to increase current capacity. * **1:1 Transformer:** For isolation or SEPIC converters. * **Toroidal Geometry:** This shape minimizes electromagnetic interference (EMI) because the magnetic field is self-contained within the core. * **High Power Density:** The OCTA-PAC® PLUS series uses higher-performance materials than the standard OCTA-PAC line, allowing for higher current handling in the same footprint. --- ## 3. Typical Applications The CTX310411-R is commonly found in power management circuits where space is limited and efficiency is critical: 1. **DC-DC Converters:** Used in Buck, Boost, and SEPIC topologies. 2. **Input/Output Filtering:** Acting as a common-mode filter to reduce conducted EMI in power supplies. 3. **Signal Isolation:** Used in data lines or power paths where 1:1 isolation is required. 4. **VRM (Voltage Regulator Modules):** Found in computer and server motherboards. --- ## 4. Connection Diagrams Since this is a dual-inductor, the polarity (indicated by dots on the casing) is crucial: ```text Parallel Connection: Series Connection: (Pins 1-4, 2-3) (Pin 2 connected to 3) 1 ●----(L1)----2 1 ●----(L1)----2 | 4 ●----(L2)----3 4 ●----(L2)----3 ```
    ✨ Follow-up Questions
    • ⤷What is the difference between the OCTA-PAC and OCTA-PAC PLUS series?
    • ⤷ How do I calculate the total inductance when connecting these windings in series?
    • ⤷ Are there recommended alternatives for higher current requirements?