データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CV201210-R12K

  • AI
    The **CV201210-R12K** is a surface-mount chip inductor manufactured by Bourns. It is part of the CV201210 series, which is widely used in high-frequency circuits for signal processing and noise suppression. --- ### Technical Specifications The part number follows a specific nomenclature that defines its physical and electrical characteristics: | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.12 µH (120 nH) | | **Tolerance** | ±10% (Indicated by the "K") | | **Case Size (EIA/Metric)** | 0805 / 2012 (2.0mm x 1.25mm) | | **Height** | 1.0 mm | | **Q Factor (Min)** | 30 | | **Test Frequency** | 25.2 MHz | | **SRF (Self-Resonant Freq)** | 320 MHz (Min) | | **DC Resistance (DCR)** | 0.25 Ω (Max) | | **Rated Current** | 300 mA | --- ### Core Construction and Features The CV201210-R12K is a **multilayer chip inductor**. Unlike traditional wire-wound inductors, it is constructed by layering ceramic material and conductive paste. * **Monolithic Structure:** Provides high reliability and a compact form factor. * **Magnetic Shielding:** The multilayer design inherently offers magnetic shielding, which minimizes crosstalk between components on a crowded PCB. * **Material:** Generally composed of a ferrite or ceramic base depending on the specific frequency optimization. --- ### Common Applications Due to its 0.12 µH inductance and high SRF, this component is typically found in: 1. **Mobile Devices:** Filtering in smartphones and tablets. 2. **RF Circuits:** Matching networks and high-frequency signal lines. 3. **EMI Suppression:** Reducing electromagnetic interference in high-speed data lines. 4. **Power Decoupling:** Used in low-current DC-DC converter stages to smooth ripples. --- ### Comparison with Alternatives When selecting this part, engineers often compare it against wire-wound versions: | Feature | Multilayer (CV201210) | Wire-Wound | | :--- | :--- | :--- | | **Size** | Smaller, lower profile | Generally larger | | **Current Handling** | Moderate (300mA) | High | | **Cost** | Lower | Higher | | **Q Factor** | Good for general signal | Excellent for high-selectivity RF |
    ✨ Follow-up Questions
    • ⤷What is the difference between the R12K and R12M versions of this inductor?
    • ⤷ Can this inductor be used in high-power LED driver circuits?
    • ⤷ What are the recommended soldering profiles for 0805 multilayer inductors?