データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CVR1-5D-R

  • AI
    The **CVR1-5D-R** is a specific model of a **Compact Voltage Relay** (often manufactured by companies like Littelfuse or SymCom). It is designed to monitor electrical systems and protect equipment from voltage fluctuations. --- ## 1. Core Technical Specifications The "CVR" series is generally characterized by its DIN-rail mountable, compact form factor. Below are the electronic characteristics: | Feature | Specification | | :--- | :--- | | **Model Number** | CVR1-5D-R | | **Input Voltage** | Typically 190–480 VAC (3-Phase) | | **Frequency** | 50/60 Hz | | **Output Contact** | SPDT (Single Pole Double Throw) | | **Mounting** | 35mm DIN Rail | | **Indicator** | LED Diagnostics (Fault/Run status) | --- ## 2. Key Electronic Components & Functions The device operates using a combination of analog sensing and digital logic to protect downstream loads (like motors or compressors). ### A. Sensing Circuitry * **Voltage Monitoring:** It monitors L1, L2, and L3 phases. It is designed to detect "brownout" (undervoltage) and "surge" (overvoltage) conditions. * **Phase Loss Detection:** The internal logic detects if one of the three phases goes missing, preventing motor burnout. ### B. The Internal Relay (Output) * **Isolated Contacts:** The "R" in the model number often signifies a **Relay Output**. This allows the device to act as a switch for a contactor coil. * **Dry Contacts:** The output is usually a set of dry contacts, meaning they do not provide power but rather open or close an existing circuit. ### C. Logic & Timing * **Restart Delay:** To prevent "short-cycling," the electronics include a timer that prevents the relay from closing immediately after a fault is cleared. * **Trip Delay:** A small buffer time is programmed into the circuit to avoid nuisance tripping caused by momentary voltage spikes. --- ## 3. Protection Mechanisms The CVR1-5D-R protects against the following electronic faults: 1. **Phase Unbalance:** Detects when the voltages between phases are not equal (which causes heat in motors). 2. **Phase Reversal:** Ensures the motor spins in the correct direction by verifying the sequence of L1-L2-L3. 3. **Under/Over Voltage:** Trips if the line voltage falls outside the safe operating window. --- ## 4. Wiring Diagram (Conceptual) ```text [ Power Source L1, L2, L3 ] | +----V----+ | CVR1-5D | <--- Logic monitors these lines +----+----+ | [ Relay Pins ] --- (Controls Magnetic Contactor) --- [ Motor ] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the specific trip delay time for the CVR1-5D-R model?
    • ⤷ How do you adjust the voltage setpoints on this specific relay?
    • ⤷ What is the maximum current rating for the SPDT output contacts?