データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CVR1-5F-R

  • AI
    ## CVR1-5F-R: Technical Specifications and Overview The **CVR1-5F-R** is a specific type of **Chip Variable Resistor** (also known as a Trimmer Potentiometer or "Trimpot"). It is commonly used for fine-tuning circuit parameters during manufacturing or calibration. ### 1. Key Component Details | Feature | Specification | | :--- | :--- | | **Component Type** | Chip Trimmer Potentiometer | | **Series** | CVR1 (Ceramic Chip) | | **Resistance Value** | Typical range based on suffixes (e.g., 500Ω to 1MΩ) | | **Tolerance** | ±25% | | **Power Rating** | 0.05 Watts at 70°C | | **Max Voltage** | 50V DC | | **Operating Temp** | -40°C to +100°C | | **Mounting Type** | Surface Mount Device (SMD/SMT) | --- ### 2. Physical Characteristics * **Dimensions:** It features a small footprint, typically around **3.2mm x 4.5mm** (depending on exact sub-series). * **Material:** Built on a ceramic substrate with a cermet (ceramic-metal) resistive element, ensuring stability against heat and humidity. * **Adjustment:** It features a top-adjustment slot for a screwdriver, allowing for manual rotation to change the resistance. --- ### 3. Part Number Breakdown While manufacturer codes vary slightly (e.g., Copal Electronics or Hosiden), the nomenclature usually follows this pattern: 1. **CVR1:** Series designation (1.5mm or 3mm class ceramic trimmers). 2. **5:** Often refers to the size or physical configuration (e.g., 3x3mm). 3. **F:** Terminal/Lead style (usually indicates a specific footprint or "Flat" profile). 4. **R:** Packaging code, typically indicating **Tape and Reel** for automated assembly. --- ### 4. Common Applications * **LCD Contrast:** Adjusting the brightness or contrast levels of small displays. * **Sensor Calibration:** Fine-tuning the sensitivity of light or heat sensors. * **Communication Equipment:** Adjusting signal gain or frequency in RF circuits. * **Power Supplies:** Calibrating voltage output levels. --- ### 5. Implementation Example In a circuit, the CVR1-5F-R is used as a voltage divider. Below is a basic representation of how it might be connected: ```c VCC (Pin 1) ---- [ Resistor Element ] ---- GND (Pin 3) | Wiper (Pin 2) ---- Output (Adjustable Voltage) ```
    ✨ Follow-up Questions
    • ⤷ What is the standard resistance range available for the CVR1 series?
    • ⤷ How does the 'cermet' element compare to carbon-based potentiometers?
    • ⤷ What are the recommended soldering profiles for this SMD component?