データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CVR1-BF-R

  • AI
    Based on the technical nomenclature for electronic components, the **CVR1-BF-R** typically refers to a **Chip Varistor** (Voltage Dependent Resistor) designed for Circuit Protection, often manufactured by companies like **INPAQ** or similar passive component specialists. --- ## 1. Component Overview A varistor is a passive, two-terminal semiconductor device that protects sensitive electronic circuits from high-voltage transients (surges). | Feature | Specification Details | | :--- | :--- | | **Component Type** | Multilayer Chip Varistor (MLV) | | **Function** | ESD Protection / Surge Suppression | | **Package Type** | Surface Mount Device (SMD) | | **Standard Size** | 0603 (common for the CVR series) | --- ## 2. Part Number Breakdown (Typical) While naming conventions vary slightly by manufacturer, the code generally follows this logic: * **CVR**: Chip Varistor. * **1**: Often denotes the physical size (e.g., 0603 or a specific height profile). * **BF**: Material composition or specific application series (e.g., High-speed data line protection). * **R**: Indicates "RoHS Compliant" or "Tape & Reel" packaging. --- ## 3. Technical Characteristics These components are designed to act as an open circuit during normal operation but become conductive when a voltage spike occurs. ### Electrical Properties * **Varistor Voltage:** The threshold where the device begins to conduct. * **Clamping Voltage:** The maximum voltage the device will allow across the circuit during a surge. * **Capacitance:** Usually kept very low (pF range) to ensure it does not distort high-speed signals. * **Response Time:** Extremely fast (typically < 1 nanosecond). ### Key Applications 1. **USB Ports:** Protecting data lines from static electricity when plugging/unplugging devices. 2. **HDMI/DisplayPort:** Maintaining signal integrity while providing ESD protection. 3. **Mobile Devices:** Used in smartphones and tablets to protect internal ICs. 4. **Consumer Electronics:** Power buttons and I/O ports. --- ## 4. Equivalent Circuit Comparison In a circuit schematic, the CVR1-BF-R behaves similarly to a Zener diode but is bidirectional. ```text Signal Line ──────┬────── Load │ [Varistor] │ Ground ──────┴────── ``` --- ## 5. Handling and Soldering | Parameter | Value/Method | | :--- | :--- | | **Mounting** | SMD Reflow Soldering | | **Storage** | Moisture Sensitivity Level (MSL) 1 | | **Temperature Range** | -40°C to +85°C (standard) |
    ✨ Follow-up Questions
    • ⤷ What is the exact breakdown voltage for the CVR1-BF-R model?
    • ⤷ How does this chip varistor compare to a TVS diode in performance?
    • ⤷ What is the physical footprint (dimensions) of the CVR1 package?