データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CVR1-DA-R

  • AI
    The **CVR1-DA-R** is an electronic component primarily classified as a **Variable Resistor** or **Trimmer Potentiometer**. It is specifically designed for surface-mount applications where space is limited and manual adjustment of resistance is required during the manufacturing or calibration process. --- ### 1. Key Technical Specifications Below are the typical electronic characteristics for the CVR1-DA-R series: | Feature | Specification | | :--- | :--- | | **Type** | Surface Mount Device (SMD) Trimmer | | **Element Material** | Cermet (Ceramic-Metal composite) | | **Resistance Range** | 100 $\Omega$ to 1 M$\Omega$ (Standard) | | **Power Rating** | 0.05 Watts at 70°C | | **Tolerance** | ±25% | | **Rotation Angle** | 220° (Mechanical) | | **Operating Temp** | -40°C to +85°C | --- ### 2. Physical Construction The "R" in the suffix often denotes the packaging style (e.g., Tape and Reel). The construction details include: * **Wiper:** A rotating contact that slides across the resistive element to change the resistance value. * **Substrate:** A ceramic base that provides high thermal stability for the cermet element. * **Terminals:** Lead-free plating (usually Tin) designed for reflow soldering. * **Adjusting Slot:** A small cross or flat-head slot on the top for screwdriver adjustment. --- ### 3. Circuit Application In a circuit, the CVR1-DA-R can be used in two primary configurations: 1. **Rheostat Mode:** Only two terminals are used (the wiper and one end). This controls the **current** flowing through a branch. 2. **Potentiometer (Voltage Divider) Mode:** All three terminals are used. The output voltage at the wiper varies based on its position relative to the input voltage at the end terminals. #### Simple Circuit Representation ```text (Terminal 1) ---- [ Resistive Element ] ---- (Terminal 3) ^ | (Terminal 2 - Wiper) ``` --- ### 4. Common Use Cases * **LCD Contrast Adjustment:** Fine-tuning the voltage for display clarity. * **Sensor Calibration:** Adjusting the threshold or sensitivity of an analog sensor. * **Frequency Tuning:** Changing the RC constant in timing circuits. * **Gain Control:** Setting the feedback loop resistance in operational amplifiers (Op-Amps). ---
    ✨ Follow-up Questions
    • ⤷ What are the physical dimensions of the CVR1 package?
    • ⤷ How does the 'Cermet' material compare to carbon film in terms of stability?
    • ⤷ Is the CVR1-DA-R suitable for automated pick-and-place assembly?