CVR1-DJ-R
AI

The **CVR1-DJ-R** is an electronic component, specifically a **Surface Mount Device (SMD) Trimmer Potentiometer** (variable resistor). These components are primarily used for fine-tuning circuit parameters, such as voltage or current levels, during the calibration phase of electronic manufacturing.
---
## 1. Technical Specifications
The part number follows a specific nomenclature, typically associated with manufacturers like **Copar** or **Noble**. Below is a breakdown of its key electronic characteristics:
| Attribute | Specification |
| :--- | :--- |
| **Type** | Variable Resistor / Trimmer Potentiometer |
| **Mounting Style** | Surface Mount (SMD/SMT) |
| **Adjustment Type** | Top Adjustment (Single Turn) |
| **Standard Resistance** | Variable (often depends on the 3rd digit code) |
| **Tolerance** | $\pm$ 25% (Standard) |
| **Power Rating** | ~0.1 Watts at 70°C |
| **Operating Temperature** | -40°C to +100°C |
---
## 2. Key Electronic Features
### A. Resistive Element
The CVR1 series typically utilizes a **Carbon Film** or **Cermet** resistive element. The "DJ" suffix usually denotes the specific physical dimensions and the orientation of the solder pads.
### B. Mechanical Construction
* **Dimensions:** It is a small form factor (approx. 3mm x 3mm).
* **Wiper:** A rotating contact that moves along the resistive track to change the resistance between the center pin and the outer pins.
* **Substrate:** Usually alumina or a high-temperature plastic to withstand reflow soldering.
### C. Termination Style
The "R" at the end often signifies **Tape and Reel** packaging, which is essential for automated pick-and-place machines in high-volume PCB assembly.
---
## 3. Circuit Application
In a circuit schematic, the CVR1-DJ-R acts as a voltage divider or a rheostat.
```text
(1) Pin ---[ Fixed Resistance ]--- (3) Pin
^
|
(2) Pin (Wiper)
```
**Common Uses:**
1. **LCD Contrast Adjustment:** Tuning the voltage supplied to a display.
2. **Sensor Calibration:** Adjusting the gain of an operational amplifier.
3. **Frequency Tuning:** Fine-tuning RC oscillators.
---
## 4. Part Number Breakdown (Generic)
| Segment | Meaning |
| :--- | :--- |
| **CVR** | Chip Variable Resistor |
| **1** | Size Code (usually 3mm) |
| **DJ** | Terminal/Shape configuration |
| **R** | Packaging (Reel) |
- ⤷
What are the common resistance values available for the CVR1 series?
- ⤷ Can this component be used in high-power applications?
- ⤷ What is the difference between the CVR1 and CVR4 series?