データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CVR1-HD-R

  • AI
    The **CVR1-HD-R** is a specialized high-definition (HD) digital video recorder designed primarily for high-reliability environments, such as aerospace, defense, and industrial surveillance. Below is an overview of its electronic characteristics and specifications. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Input Channels** | Single Channel (High Definition) | | **Video Resolution** | Supports 720p and 1080p (60fps) | | **Encoding Format** | H.264 / MPEG-4 AVC | | **Storage Medium** | Removable SDHC/SDXC Card or Internal Solid State Storage | | **Power Input** | Wide range DC input (typically 9V to 36V) | | **Ruggedization** | MIL-STD-810G compliant (Shock/Vibration) | ### 2. Core Electronic Components The CVR1-HD-R is built using an architecture designed for low latency and high data integrity. * **Video Encoder SoC (System on Chip):** This is the heart of the device. It handles the hardware-based compression of the raw HD-SDI or HDMI signal into a compressed H.264 stream. Hardware encoding ensures that the CPU remains available for file system management and metadata overlay. * **Video Input Interface:** Usually features an **HD-SDI (SMPTE 292M)** or **3G-SDI** interface. These are preferred in professional settings because they use BNC connectors, which provide a secure, locking physical connection that won't vibrate loose. * **Power Management Circuitry:** Designed to handle "dirty" power common in vehicles or aircraft. It includes EMI filters, surge protection, and reverse polarity protection to prevent damage from voltage spikes. * **Microcontroller/FPGA:** Often used for managing the "Start/Stop" triggers and handling the overlay of GPS or KLV metadata onto the video stream. ### 3. Functional Features 1. **Metadata Integration:** The electronic board often includes a serial port (RS-232/422) to ingest external data (like coordinates or speed) to be "burnt" into the video frames. 2. **Auto-Start Recording:** The circuitry is designed to sense the presence of a video signal or power-on state to begin recording immediately without user intervention. 3. **Fail-Safe Storage:** In the event of a sudden power loss, the internal capacitors provide enough energy to "close" the current video file, preventing data corruption. ### 4. Typical Connectivity The device usually utilizes high-density circular connectors or standard BNC/D-Sub connectors depending on the specific ruggedness requirement: * **HD-SDI In:** Video Source. * **HD-SDI Out:** Loop-through for local monitoring. * **Power/Control:** Combined connector for power, ground, and remote trigger. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific power requirements for the CVR1-HD-R in airborne applications?
    • ⤷ Does the CVR1-HD-R support dual-stream recording for low-bandwidth monitoring?
    • ⤷ How does the CVR1-HD-R handle file recovery if an SD card is removed during recording?