データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CW201212-R12J

  • AI
    The **CW201212-R12J** is a high-frequency, wire-wound chip inductor commonly used in RF (Radio Frequency) communication circuits. This part is manufactured by companies like **Bourns**. ### 1. Part Number Breakdown Understanding the nomenclature helps identify the physical and electrical characteristics: | Component Segment | Meaning | Detail | | :--- | :--- | :--- | | **CW** | Series Type | Chip Wire-wound Inductor | | **201212** | Dimensions (Metric) | 2.0 x 1.2 x 1.2 mm (approx. 0805 Imperial) | | **R12** | Inductance Value | R12 = 0.12 µH (or 120 nH) | | **J** | Tolerance | ±5% | --- ### 2. Technical Specifications Below are the typical electrical parameters for this specific component: | Parameter | Value | | :--- | :--- | | **Inductance** | 120 nH | | **Tolerance** | ±5% | | **Quality Factor (Q) Min.** | 60 (at 300 MHz) | | **Self-Resonant Frequency (SRF)** | 1100 MHz (Minimum) | | **DC Resistance (DCR) Max** | 0.65 Ohms | | **Rated Current (Idc)** | 400 mA | | **Operating Temperature** | -40°C to +125°C | --- ### 3. Key Features and Construction * **Wire-wound Core:** Unlike multilayer inductors, these use a ceramic core wrapped with copper wire. This construction provides significantly higher **Q factors** and better current-handling capabilities. * **High Resonance:** The high SRF makes it suitable for high-frequency applications where the inductor must maintain its inductive properties without becoming capacitive. * **Small Footprint:** The 0805 (2012 metric) size is a standard surface-mount (SMD) package, making it easy to integrate into compact PCB designs. --- ### 4. Common Applications This part is typically found in: 1. **RF Matching Networks:** Impedance matching for antennas in Bluetooth, Wi-Fi, and GPS modules. 2. **Filters:** Used in high-pass, low-pass, or band-pass filters to eliminate noise. 3. **Oscillators:** Providing stable inductance for LC (Inductor-Capacitor) resonance circuits. 4. **Signal Conditioning:** Decoupling and EMI suppression in high-speed communication lines. --- ### 5. Equivalent/Substitution Example If this specific part is unavailable, engineers often look for the following series: ```text Manufacturer: Murata (LQW2BHN series) Manufacturer: TDK (MLW series) Manufacturer: Coilcraft (0805CS series) ```
    ✨ Follow-up Questions
    • ⤷What is the difference between a wire-wound inductor and a multilayer inductor?
    • ⤷ How does the Q factor affect RF circuit performance?
    • ⤷ Can I use a 120nH inductor with a 10% tolerance instead of this 5% part?