データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CW201212-R33J

  • AI
    The **CW201212-R33J** is a high-frequency, wire-wound chip inductor commonly used in RF (Radio Frequency) circuits. It is manufactured by companies like **Bourns** and follows industry-standard naming conventions for surface-mount devices (SMD). --- ### 1. Part Number Breakdown Understanding the alphanumeric code explains the physical and electrical characteristics of the component: | Segment | Meaning | Value / Description | | :--- | :--- | :--- | | **CW** | Series | Ceramic core, wire-wound chip inductor | | **201212** | Dimensions | 2.0 x 1.2 x 1.2 mm (EIA 0805 Case Size) | | **R33** | Inductance | 0.33 µH (330 nH) | | **J** | Tolerance | ±5% | --- ### 2. Key Specifications These parts are designed for performance in high-speed communication devices. * **Inductance:** 330 nH (nanohenries). * **Tolerance:** ±5% (standard for RF tuning). * **Core Material:** Ceramic. Unlike ferrite cores, ceramic cores provide excellent stability and high "Q" factors at high frequencies. * **Quality Factor (Q):** Typically high (Min. 45 at 100 MHz), which ensures low signal loss. * **Self-Resonant Frequency (SRF):** Usually around 600 MHz to 900 MHz. Beyond this frequency, the part acts like a capacitor rather than an inductor. * **Rated Current:** Generally around 300mA to 400mA (varies slightly by specific manufacturer). --- ### 3. Construction and Features * **Wire-Wound Technology:** Fine copper wire is wound around a ceramic body. This provides much higher current handling and lower DC resistance (DCR) compared to multilayer inductors. * **SMD Package:** The 0805 (metric 2012) footprint allows for automated "pick and place" assembly on PCBs. * **High Stability:** The ceramic core ensures the inductance remains stable across a wide temperature range. --- ### 4. Common Applications The CW201212-R33J is typically found in: 1. **RF Filtering:** Used in low-pass or band-pass filters for mobile phones and Wi-Fi modules. 2. **Impedance Matching:** Matching the impedance between an antenna and an RF amplifier. 3. **Oscillators:** Serving as a frequency-determining element in LC circuits. 4. **High-Speed Data Lines:** Minimizing noise in high-frequency signal paths.
    ✨ Follow-up Questions
    • What is the difference between a ceramic core and a ferrite core inductor?
    • How does the 'Q factor' affect the performance of this inductor in a circuit?
    • Can this inductor be used for power supply decoupling?