データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CW2012A-R15_

  • AI
    The **CW2012A-R15J** is a surface-mount (SMD) wire-wound ceramic core chip inductor. It belongs to the 0805 (metric 2012) size category and is commonly used in high-frequency RF applications. --- ### ## Technical Specifications The following table summarizes the key electrical and physical characteristics of the CW2012A-R15J: | Parameter | Specification | | :--- | :--- | | **Inductance** | 150 nH (0.15 µH) | | **Tolerance** | ±5% (indicated by the 'J' suffix) | | **Case Size** | 0805 (2.0mm x 1.25mm) | | **Core Material** | Ceramic | | **Max DC Current (Idc)** | ~400 mA to 500 mA (typical) | | **Max DC Resistance (DCR)** | ~0.60 Ω to 0.90 Ω | | **Self-Resonant Frequency (SRF)** | > 1000 MHz | | **Operating Temperature** | -40°C to +125°C | --- ### ## Component Breakdown 1. **Ceramic Core:** Unlike ferrite cores, ceramic cores do not provide high inductance but offer excellent stability at high frequencies and a very high **Q (Quality) Factor**. 2. **Wire-Wound Construction:** This involves winding a copper wire around a ceramic body. This method provides lower DC resistance and higher current handling compared to multilayer chip inductors. 3. **Part Number Deciphering:** * **CW:** Series designation (Ceramic Wire-wound). * **2012:** Dimensions in metric (2.0mm x 1.25mm). * **A:** Standard series/material code. * **R15:** Inductance value (R = decimal point; 0.15 µH = 150 nH). * **J:** Tolerance code (J = ±5%). --- ### ## Applications Because of its high SRF and low loss, this part is typically found in: * **RF Matching Networks:** Impedance matching for antennas. * **Wireless Communication:** Bluetooth, Wi-Fi, and cellular RF circuits. * **High-speed Filters:** Removing noise in high-frequency data lines. * **VCOs:** Used in voltage-controlled oscillators for frequency stability. --- ### ## Equivalent Part Consideration When looking for replacements or alternatives, ensure the **Q factor** and **SRF (Self-Resonant Frequency)** match, as these are critical for RF performance beyond just the 150nH inductance. Common manufacturers for this type of part include Bourns, Murata (LQW series), and Coilcraft (0805CS series).
    ✨ Follow-up Questions
    • ⤷What is the difference between a ceramic core and a ferrite core inductor?
    • ⤷ How does the Q factor affect performance in RF circuits?
    • ⤷ Can this inductor be used in high-power switching power supplies?