データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CWA-BASIC-R

  • AI
    The **CWA-BASIC-R** is a specific RFID reader module typically used in access control systems, lockers, and industrial identification. It is designed for short-range communication with passive transponders. ### 1. Key Electronic Components The CWA-BASIC-R consists of several core electronic subsystems that work together to identify RFID tags: | Component | Description | | :--- | :--- | | **Microcontroller (MCU)** | The "brain" that processes signals, handles the communication protocol (Wiegand/RS232), and manages the logic. | | **RFID IC (Transceiver)** | The chip responsible for modulating and demodulating the radio frequency signal (typically 125kHz or 13.56MHz). | | **Antenna Coil** | An integrated copper wire coil that generates an electromagnetic field to power the passive RFID tag. | | **Voltage Regulator** | Ensures a stable power supply (usually 5V or 12V DC) for the sensitive internal circuitry. | | **LED/Buzzer Driver** | Provides visual and audible feedback to the user upon a successful read. | --- ### 2. Technical Specifications Below are the typical electronic characteristics of the BASIC-R series: | Feature | Specification | | :--- | :--- | | **Operating Voltage** | 5V DC to 12V DC | | **Frequency** | 125 kHz (LF) or 13.56 MHz (HF/Mifare) | | **Interface Types** | Wiegand 26/34, RS232, or TTL | | **Reading Distance** | 2cm to 10cm (depending on antenna and tag) | | **Power Consumption** | < 100mA | --- ### 3. Connection Pinout (General) Most CWA-BASIC-R modules utilize a standardized pin header for integration into larger electronic systems: 1. **VCC:** Power supply positive. 2. **GND:** Power supply negative. 3. **D0 / TX:** Data 0 (Wiegand) or Transmit (Serial). 4. **D1 / RX:** Data 1 (Wiegand) or Receive (Serial). 5. **LED Control:** Input to trigger the external indicator. 6. **Buzzer:** Input to trigger the internal sounder. --- ### 4. Operating Principle 1. **Field Generation:** The Antenna Coil emits a continuous radio frequency signal. 2. **Induction:** When a tag enters the field, it receives energy via induction and powers up its internal chip. 3. **Backscatter:** The tag sends its unique ID back by perturbing the magnetic field. 4. **Decoding:** The CWA-BASIC-R's Transceiver detects these perturbations and converts them into digital data for the MCU. 5. **Output:** The MCU formats the data and sends it to a controller via the Wiegand or Serial interface.
    ✨ Follow-up Questions
    • ⤷ What are the differences between the 125kHz and 13.56MHz versions of this module?
    • ⤷ How do I wire a CWA-BASIC-R to an Arduino or ESP32?
    • ⤷ Does this module support encrypted RFID tags like Mifare DESFire?