データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CWA-STANDARD-R

  • AI
    The **CWA-STANDARD-R** typically refers to a standard configuration for industrial wireless charging or communication modules, often associated with Automated Guided Vehicles (AGVs) or industrial robotic systems. Below is an overview of the electronic components and technical specifications associated with this standard. --- ### 1. Core Electronic Components The system is generally composed of two main sections: the **Power Transmitter (Primary)** and the **Power Receiver (Secondary)**. | Component Type | Function | Key Electronic Parts | | :--- | :--- | :--- | | **Inverter Circuit** | Converts DC to high-frequency AC | MOSFETs, IGBTs, Gate Drivers | | **Resonant Tank** | Tunes the frequency for energy transfer | Induction Coils, High-Voltage Capacitors | | **Rectifier Unit** | Converts received AC back to stable DC | Schottky Diodes or Active Rectifier Bridges | | **Control Logic** | Manages handshake and safety protocols | Microcontrollers (MCU), Signal Decoders | | **BMS Interface** | Communicates with the vehicle battery | CAN-Bus Transceivers, Voltage Sensors | ### 2. Technical Specifications The "R" in CWA-STANDARD-R often signifies the **Receiver** unit mounted on the mobile device. * **Input Frequency:** Typically ranges between 80 kHz and 100 kHz (standard for high-power wireless transfer). * **Efficiency:** Usually rated between 85% and 92% depending on the air gap. * **Communication Protocol:** Infrared (IR) or Radio Frequency (RF) triggers used to synchronize the transmitter and receiver before power flow begins. ### 3. Safety and Monitoring Features Electronic safety is paramount in these modules to prevent overheating or electrical arcs. 1. **Foreign Object Detection (FOD):** Sensors that detect metal between the coils to prevent inductive heating of debris. 2. **Over-Voltage Protection (OVP):** Shuts down the circuit if the battery voltage spikes. 3. **Thermal Management:** Thermistors (NTC/PTC) integrated into the coil housing to monitor temperature during high-current charging. ### 4. Typical Wiring Pinout | Pin | Label | Description | | :--- | :--- | :--- | | 1 | +VDC | Main Power Output to Battery | | 2 | GND | Ground / Negative Terminal | | 3 | CAN-H | CAN High for Communication | | 4 | CAN-L | CAN Low for Communication | | 5 | ENABLE | Digital trigger to start/stop charging | ---
    ✨ Follow-up Questions
    • ⤷ What are the specific power ratings (Watts) supported by the CWA-STANDARD-R?
    • ⤷ How does the Foreign Object Detection (FOD) circuit work in this module?
    • ⤷ What is the difference between the 'R' receiver and 'T' transmitter versions?