データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • CXA1019S

  • AI
    ## Overview of the CXA1019S Integrated Circuit The **CXA1019S** is a monolithic silicon integrated circuit designed by Sony. It is a complete **AM/FM radio system on a chip**, widely used in portable radio receivers due to its low power consumption and high integration. --- ### 1. Internal Functional Blocks The IC integrates almost all the necessary components for a radio, reducing the need for numerous external parts. | Section | Description | | :--- | :--- | | **RF Amplifier** | Amplifies the incoming radio signals from the antenna. | | **Mixer/Oscillator** | Converts the RF signal to an Intermediate Frequency (IF). | | **IF Amplifier** | Boosts the IF signal (typically 455kHz for AM, 10.7MHz for FM). | | **Detector** | Extracts the audio signal from the modulated carrier (FM Quadrature / AM Envelope). | | **AF Power Amplifier** | Amplifies the audio signal to drive a speaker directly (up to 500mW). | | **AGC/AFC** | Automatic Gain Control and Automatic Frequency Control for stability. | --- ### 2. Key Technical Specifications The CXA1019S is known for its versatility across different power supplies. * **Operating Voltage:** 2.0V to 7.5V DC (Ideal for battery-operated devices). * **Package Type:** SDIP-30 (Shrink Dual Inline Package with 30 pins). * **Audio Output Power:** Approximately **500mW** (at $V_{cc}=6V, R_L=8\Omega$). * **Current Consumption:** * FM: ~5.3 mA * AM: ~3.4 mA --- ### 3. Pinout Configuration Highlights Since the chip has 30 pins, here are the most critical electronic connections: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | FM RF IN | FM antenna signal input. | | **10** | AM MIX OUT | AM mixer output to the ceramic filter. | | **17** | AFC | Automatic Frequency Control. | | **21** | FM/AM Switch | Logic input to switch between modes. | | **24** | AF OUT | Audio signal output (before power amp). | | **27** | Vcc | Positive power supply input. | | **28** | VO | Final Audio Power Output to speaker. | --- ### 4. Electronic Advantages 1. **Low External Component Count:** Only requires a few capacitors, inductors (coils), and ceramic filters to function. 2. **Built-in Power Amp:** Unlike many other radio ICs, you do not need an additional TDA-series chip to drive a small speaker. 3. **LED Tuning Indicator:** Includes a dedicated driver (Pin 19) to light up an LED when a station is correctly tuned. --- ### 5. Application Circuit Example (Pseudocode Representation) If you were designing a PCB, the connectivity logic follows this flow: ```c // High-level connectivity logic Antenna -> FM_RF_In (Pin 1) Local_Oscillator_Coil -> Pins 5 & 6 Ceramic_Filter_10.7MHz -> Pin 8 (FM IF) Potentiometer (Volume) -> Pin 23 (Electronic Volume Control) Speaker_Positive -> Electrolytic_Capacitor -> Pin 28 ```
    ✨ Follow-up Questions
    • What are the most common causes of noise in CXA1019S circuits?
    • Can the CXA1019S be used for digital tuning applications?
    • What is the difference between the CXA1019S and the CXA1619BS?