データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • D103C

  • AI
    Based on common electronic component databases, the designation **D103C** most frequently refers to a specific type of **Ceramic Disc Capacitor** or a **Power Transistor** (often shorthand for 2SD103C). Below is the breakdown of the most common interpretation: the **10nF Ceramic Disc Capacitor**. --- ### 1. Component Overview: D103C Capacitor In capacitor marking codes, "103" is the capacitance value, and "C" often denotes the tolerance or voltage rating depending on the manufacturer. | Feature | Specification | | :--- | :--- | | **Component Type** | Ceramic Disc Capacitor | | **Capacitance Value** | 10,000 pF (10nF or 0.01µF) | | **Coding Logic** | 10 (significant digits) + 3 (number of zeros) | | **Common Voltage** | 50V, 1kV, or 2kV (depending on physical size) | | **Dielectric** | Typically Y5P or Z5U | --- ### 2. Technical Specifications If the part is used in high-voltage circuits (like CRT monitors or power supplies), the specifications are usually as follows: * **Capacitance:** 10nF (±10% or ±20% tolerance). * **Insulation Resistance:** Usually > 10,000 MΩ. * **Operating Temperature:** -25°C to +85°C. * **Dissipation Factor:** < 2.5%. --- ### 3. Alternative Identification: 2SD103C Transistor If the component is a three-leaded semiconductor (TO-92 or TO-220 package), it is a **NPN Silicon Transistor**. #### Key Characteristics: * **Polarity:** NPN. * **Main Application:** Low-frequency power amplification or switching. * **Pinout:** Typically Emitter, Collector, Base (verify with datasheet). --- ### 4. How to Read the "103" Code The numeric code is the standard EIA (Electronic Industries Alliance) system: 1. **First Digit (1):** First significant figure. 2. **Second Digit (0):** Second significant figure. 3. **Third Digit (3):** Multiplier ($10^3$). 4. **Calculation:** $10 \times 1,000 = 10,000$ picofarads (pF). 5. **Conversion:** 10,000 pF = 10 nF = 0.01 µF. --- ### 5. Common Applications * **Decoupling:** Removing noise from power supply lines. * **Filtering:** Allowing AC signals to pass while blocking DC. * **Bypassing:** Diverting unwanted RF signals to ground.
    ✨ Follow-up Questions
    • ⤷How do I test a D103C capacitor using a multimeter?
    • ⤷ What is the difference between D103 and D104 capacitors?
    • ⤷ Can a D103C be replaced with a film capacitor of the same value?