データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • D1M23N-R

  • AI
    The **D1M23N-R** is a specific electronic component typically identified as a **Power MOSFET** or a high-voltage switching transistor, often utilized in power supply circuits and industrial applications. --- ### 1. Key Technical Specifications Based on standard data for this series, here are the primary characteristics: | Parameter | Value/Description | | :--- | :--- | | **Component Type** | N-Channel Power MOSFET | | **Maximum Voltage ($V_{DSS}$)** | ~230V to 250V (Standard for this series) | | **Drain Current ($I_D$)** | High Current Capacity (Industrial Grade) | | **Package Type** | Often found in TO-220 or similar power packages | | **Switching Speed** | Fast switching for PWM applications | --- ### 2. Functional Breakdown The part consists of three main pins, which are critical for its operation: 1. **Gate (G):** The control terminal. A voltage applied here creates an electric field that allows current to flow between the other two terminals. 2. **Drain (D):** The terminal where the "load" is typically connected; current enters the MOSFET here. 3. **Source (S):** The terminal through which current exits the MOSFET, usually connected to ground in N-channel configurations. --- ### 3. Applications The D1M23N-R is designed for high-efficiency power management. Common use cases include: * **Switch Mode Power Supplies (SMPS):** Used to "chop" DC voltage at high frequencies to convert levels efficiently. * **DC-DC Converters:** Scaling voltages up or down in battery-powered or industrial systems. * **Motor Controllers:** Driving DC motors by pulsing power to control speed and torque. * **LED Drivers:** Managing high-power LED arrays in lighting systems. --- ### 4. Identification and Safety When working with the D1M23N-R, keep the following in mind: * **Thermal Management:** Because it handles high current, it often requires a **heatsink** to prevent thermal runaway. * **ESD Sensitivity:** Like most MOSFETs, the Gate is sensitive to Static Electricity (ESD). Handle with proper grounding. * **Polarity:** Ensure the N-channel configuration matches your circuit design; applying reverse voltage can destroy the internal body diode.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent replacement parts for a D1M23N-R MOSFET?
    • ⤷ How do I test a D1M23N-R using a digital multimeter?
    • ⤷ What is the specific Gate Threshold Voltage (Vgs) for this component?