データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • D2302-R-BAPB

  • AI
    The **D2302-R-BAPB** is a specialized electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor** or a high-current magnetic component often used in automotive or industrial power management applications. Below is a detailed breakdown of its electronic characteristics and construction. --- ### 1. General Specifications While specific datasheets can vary by manufacturer (such as Sumida or Coilcraft), components with this nomenclature generally follow these parameters: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Shielded Power Inductor | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Core Material** | Ferrite or Metal Composite | | **Shielding** | Magnetically Shielded (prevents EMI) | | **Application** | DC/DC Converters, Voltage Regulator Modules (VRM) | --- ### 2. Breakdown of the Part Number The alphanumeric string usually denotes specific physical and electrical attributes: * **D2302:** Refers to the series or the physical dimensions (Footprint). * **R:** Generally indicates the **Inductance Value** (e.g., if it were 2R2, it would be 2.2µH). In some naming conventions, "R" can also signify "RoHS Compliant." * **BAPB:** This suffix typically refers to the **Packaging Style** (Tape and Reel) and the **Tolerance/Material** grade (e.g., Automotive Grade AEC-Q200). --- ### 3. Key Electronic Functions #### A. Energy Storage The primary role of this part is to store energy in its magnetic field. In a buck or boost converter, it smooths out the switching current to provide a steady DC output. #### B. Noise Filtering (EMI Suppression) Because the part is **shielded**, it is designed to contain magnetic flux. This prevents the component from interfering with nearby sensitive circuits (like sensors or RF modules) and protects it from external electromagnetic interference. #### C. High Current Handling Parts in this series are engineered for low **DCR (Direct Current Resistance)**. Low resistance ensures that the part does not overheat when high levels of current pass through the copper windings. --- ### 4. Common Applications * **Automotive Electronics:** Powering Infotainment systems or Advanced Driver Assistance Systems (ADAS). * **Computing:** High-efficiency power supplies for servers or industrial PCs. * **Telecommunications:** Distributed power systems and base stations. --- ### 5. Technical Precautions 1. **Saturation Current ($I_{sat}$):** Do not exceed the rated saturation current, or the inductance will drop significantly, potentially damaging the circuit. 2. **Thermal Rating:** Ensure the ambient temperature plus the temperature rise due to current stays within the operating range (typically -40°C to +125°C).
    ✨ Follow-up Questions
    • What are the exact physical dimensions for the D2302 series footprint?
    • How does the 'BAPB' suffix affect the thermal rating of the component?
    • Can this inductor be used in high-frequency switching applications above 1MHz?