データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • D2302-R-DBPB

  • AI
    The **D2302-R-DBPB** is a specialized electronic component, typically classified as a surface-mount (SMD) power inductor or a specific type of signal transformer used in high-frequency power management applications. Below is a breakdown of its technical characteristics and internal components. --- ## 1. Technical Specifications The part number typically refers to a specific design within the **D2302 series**. Here are the common electrical parameters: | Feature | Description | | :--- | :--- | | **Component Type** | Power Inductor / Magnetic Module | | **Inductance Range** | Typically measured in $\mu H$ (Microhenries) | | **Current Rating** | High-saturation current capability | | **Mounting Style** | Surface Mount Device (SMD/SMT) | | **Package/Case** | Shielded construction to reduce EMI | | **Operating Temp** | -40°C to +125°C (Standard Industrial) | --- ## 2. Key Electronic Construction The "R-DBPB" suffix usually denotes specific material compositions and environmental compliance. ### A. Core Material The device uses a **Ferrite Core**. This material is chosen for its high magnetic permeability and low electrical conductivity, which helps minimize "Eddy Current" losses at high switching frequencies. ### B. Winding (The Coil) It consists of high-quality copper wire wound around the core. In the D2302 series, this is often a **flat-wire winding** to reduce DC resistance (DCR), allowing for higher current handling without overheating. ### C. Shielding The "DBPB" designation often implies a **Magnetic Shield**. This is a metallic or composite housing that traps the magnetic field inside the component, preventing interference with nearby sensitive components on the PCB (Printed Circuit Board). --- ## 3. Application Areas The D2302-R-DBPB is primarily used in power conversion circuits where space is limited but efficiency is critical: 1. **DC-DC Converters:** Used as a storage element in buck (step-down) or boost (step-up) converters. 2. **Voltage Regulator Modules (VRM):** Commonly found near CPUs or GPUs on motherboards. 3. **Battery Powered Devices:** Due to its low DCR, it helps extend battery life by reducing power waste as heat. 4. **LED Drivers:** Provides stable current regulation for high-brightness LEDs. --- ## 4. Compliance and Safety The suffix components often indicate: * **Lead-Free (Pb-Free):** Compliance with RoHS standards. * **Halogen-Free:** Reduced environmental impact during disposal or incineration.
    ✨ Follow-up Questions
    • What is the exact inductance value and DC resistance for this specific part?
    • Can you provide a pinout diagram or footprint dimensions for the D2302 series?
    • What are the common equivalents or alternatives if this part is out of stock?