データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • D331M

  • AI
    The designation **D331M** is a standardized alphanumeric code primarily used to identify a specific type of **Ceramic Disc Capacitor**. In the electronics industry, these codes provide immediate information about the component's capacitance, tolerance, and voltage characteristics. --- ### 1. Breakdown of the Code "D331M" The code is typically divided into three distinct parts: | Component Part | Value/Meaning | Explanation | | :--- | :--- | :--- | | **D** | Voltage Rating | Often refers to a specific voltage class (commonly **2kV** or **3kV** in high-voltage ceramic series). | | **331** | Capacitance Value | The numerical value in picofarads (pF). | | **M** | Tolerance | Indicates the allowable deviation from the nominal capacitance. | --- ### 2. Technical Specifications #### Capacitance Calculation The number **331** uses a three-digit EIA system: * **First two digits (33):** The significant figures. * **Third digit (1):** The multiplier (10 to the power of 1). * **Calculation:** $33 \times 10^1 = 330$ **picofarads (pF)** or **0.33 nF**. #### Tolerance The letter **M** is a standard industry code: * **M = ±20%**. * This means the actual capacitance can range from 264pF to 396pF. #### Typical Physical Characteristics * **Type:** Radial Lead Ceramic Disc. * **Dielectric:** Usually Y5P, Y5U, or Y5V (Temperature coefficients). * **Coating:** Epoxy resin (typically blue or tan). --- ### 3. Common Applications These parts are frequently found in power electronics due to their high voltage stability: 1. **Snubber Circuits:** Used to suppress voltage spikes in switching power supplies. 2. **Line Filtering:** Often used in EMI/RFI filtering for AC power inputs. 3. **Bypass/Coupling:** General-purpose decoupling in high-voltage circuits. 4. **Lighting Ballasts:** Found in the circuitry of fluorescent and LED drivers. --- ### 4. Comparison Table: Common Tolerances If you see letters other than "M," the tolerance changes: | Letter Code | Tolerance Percentage | | :--- | :--- | | **J** | ±5% | | **K** | ±10% | | **M** | ±20% | | **Z** | +80%, -20% | --- ### 5. Identification Example If you are looking at the physical component, it will likely look like this: ```text _______ / D \ | 331M | <-- Part Number | 2KV | <-- Voltage Rating (example) \_______/ | | ```
    ✨ Follow-up Questions
    • ⤷What is the difference between D331M and D331K capacitors?
    • ⤷ How do I test a D331M capacitor using a multimeter?
    • ⤷ What are the temperature coefficients associated with ceramic disc capacitors?