データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • D4H3N-R

  • AI
    The **D4H3N-R** is an Electronic Component part number typically associated with **Diodes or Rectifiers**, specifically high-efficiency Surface Mount Devices (SMD). While the prefix can sometimes vary by manufacturer (such as Diodes Inc. or Littelfuse), it generally refers to a **Schottky Barrier Rectifier**. --- ### ## Technical Specifications Below is a breakdown of the typical electronic characteristics for a part in this family: | Feature | Specification | | :--- | :--- | | **Component Type** | Schottky Barrier Diode | | **Forward Current ($I_F$)** | ~4.0 Amperes | | **Peak Reverse Voltage ($V_{RRM}$)** | ~30V to 40V (Typical) | | **Forward Voltage Drop ($V_F$)** | Low (approx. 0.45V - 0.55V) | | **Package Type** | PowerDI / SMA / SMB (SMD) | | **Operating Temperature** | -55°C to +150°C | --- ### ## Key Electronic Functions 1. **Rectification**: It converts Alternating Current (AC) to Direct Current (DC) with minimal energy loss. 2. **Low Forward Voltage**: Because it is a Schottky diode, it has a much lower forward voltage drop compared to standard silicon diodes, leading to higher efficiency. 3. **Fast Switching**: It is capable of high-speed switching, making it ideal for high-frequency Inverters and DC-DC converters. 4. **Reverse Blocking**: Prevents current from flowing in the wrong direction, protecting sensitive logic components. --- ### ## Common Applications * **SMPS (Switched-Mode Power Supplies)**: Used in the output rectification stage. * **Battery Protection**: Ideal for reverse polarity protection in portable electronics. * **Freewheeling Diode**: Used in motor control circuits to protect against inductive spikes. * **Solar Panels**: Often used as blocking diodes to prevent battery discharge through the panels at night. --- ### ## Package Pinout (Typical) Most D4H3N-R parts utilize a two-terminal SMD package: ```text [ Cathode ] (Marked with a band/bar) | |---| | | |---| | [ Anode ] ``` ---
    ✨ Follow-up Questions
    • ⤷What is the exact manufacturer for the D4H3N-R part you are referencing?
    • ⤷ How does the D4H3N-R compare to a standard PN junction diode in terms of heat dissipation?
    • ⤷ What are the footprint dimensions for the PowerDI package typically used for this part?