データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • D6-R

  • AI
    The **D6-R** generally refers to a specific model of robotic chassis (often a 6-wheel drive "Rock Crawler" style) or a specific industrial controller variant. Assuming you are referring to the popular **D6-R 6WD Off-Road Robotic Platform**, the electronic components are designed for high-torque mobility and sensor integration. --- ## 1. Core Electronic Components The electronic ecosystem of a D6-R robot typically consists of the following layers: ### A. Actuation (Motors) The D6-R uses six independent DC motors. * **Motor Type:** Usually 12V DC Brushed Motors with metal gearboxes. * **Encoders:** High-end versions include Hall-effect encoders to measure wheel rotations for precise navigation (odometry). ### B. Power System Managing current is critical due to the six-motor draw. * **Battery:** Typically a 7.4V (2S) or 11.1V (3S) LiPo battery. * **Voltage Regulation:** A Buck Converter (Step-Down) is often used to provide a stable 5V for the microcontroller while the motors run on raw battery voltage. ### C. Motor Controllers (ESCs) Because there are six motors, the wiring is usually handled in two groups (Left side and Right side) using a **Dual-Channel H-Bridge**. * **Common chips:** L298N (basic) or BTS7960 (high current). * **Control Method:** Pulse Width Modulation (PWM) to control speed and digital pins for direction. --- ## 2. Technical Specifications Table | Component | typical Specification | Function | | :--- | :--- | :--- | | **Microcontroller** | Arduino Mega or STM32 | The "Brain" processing logic and sensor data. | | **Motor Driver** | Dual 20A-30A H-Bridge | Translates logic signals into high-current power. | | **Operating Voltage** | 6V - 12V DC | Power range for the drivetrain. | | **Current Draw** | 2A (Idle) to 15A (Stall) | Power consumption during operation. | | **Communication** | Bluetooth / RF / Wi-Fi | Allows for remote control or telemetry. | --- ## 3. Wiring Logic (Control Architecture) To control a D6-R effectively, the electronics are usually wired in a **Differential Drive** configuration: ```cpp // Example Logic for Motor Control int motorLeftPWM = 5; // Speed control for 3 left motors int motorRightPWM = 6; // Speed control for 3 right motors void moveForward(int speed) { analogWrite(motorLeftPWM, speed); analogWrite(motorRightPWM, speed); // Set direction pins to HIGH/LOW } ``` --- ## 4. Expansion Electronics Depending on the application (Autonomous vs. Remote Controlled), the D6-R can be equipped with: * **IMU (Inertial Measurement Unit):** MPU6050 for balancing and orientation. * **Ultrasonic Sensors:** HC-SR04 for obstacle avoidance. * **Lidar:** For SLAM (Simultaneous Localization and Mapping) in ROS-based setups.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current capacity required for a D6-R motor driver?
    • ⤷ How do you sync six motors to ensure the robot drives in a straight line?
    • ⤷ Can the D6-R be integrated with a Raspberry Pi for ROS applications?