データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • DA-6-R

  • AI
    The **DA-6-R** typically refers to a high-performance **Digital-to-Analog (D/A) Converter module** or a specific industrial relay/driver board. In most industrial electronics contexts, this part is used to bridge the gap between digital control logic (like a PLC or Microcontroller) and analog output devices. ### Key Electronic Components of the DA-6-R The internal circuitry of a DA-6-R unit generally consists of the following functional blocks: | Component Category | Description | Primary Function | | :--- | :--- | :--- | | **D/A Converter IC** | High-precision resistor ladder or Delta-Sigma chip. | Converts binary data into a proportional voltage level. | | **Operational Amplifiers** | Low-noise, precision Op-Amps (e.g., TL072 or similar). | Buffers the signal and provides voltage/current amplification. | | **Voltage Regulator** | LDO (Low Dropout) or Zener-based regulators. | Ensures a stable reference voltage for accuracy. | | **Isolation Barrier** | Optocouplers or Magnetic Isolators. | Protects the digital controller from high-voltage noise. | | **Output Terminals** | Screw-down or pluggable connectors. | Physical interface for the analog load. | --- ### Technical Specifications While specific versions can vary by manufacturer, a standard DA-6-R module usually adheres to these electronic parameters: * **Resolution:** Typically 12-bit or 16-bit (determining the "step size" of the output). * **Output Ranges:** * Voltage: 0–5V, 0–10V, or ±10V. * Current: 4–20mA (standard industrial loop). * **Update Rate:** High-speed sampling (often in the microsecond range). * **Input Logic:** Usually TTL or CMOS compatible (3.3V or 5V logic). --- ### Typical Pinout Configuration Below is a standard representation of the electronic connections found on a DA-6-R module: ```arduino [ +Vcc ] ---- Positive Supply Input (e.g., +24V DC) [ GND ] ---- Common Ground [ DIN ] ---- Serial or Parallel Data Input [ CLK ] ---- Clock Signal (for synchronous data) [ Vout ] ---- Analog Voltage Output (+) [ Iout ] ---- Analog Current Output (4-20mA) ``` ### Protection Circuitry Electronic reliability is often the focus of the "R" (often denoting "Ruggedized" or "Relay-compatible") in the model name. It usually includes: 1. **TVS Diodes:** For Transient Voltage Suppression against static discharge. 2. **Smoothing Capacitors:** To filter out high-frequency ripples from the power supply. 3. **Short-Circuit Protection:** Prevents the internal Op-Amps from burning out if the output terminals are bridged. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific manufacturer of your DA-6-R module for more precise pinouts?
    • ⤷ Does your application require voltage output (0-10V) or current loop (4-20mA)?
    • ⤷ Are you looking for a replacement part or designing a new circuit around this module?