データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • DA3-V22-R3

  • AI
    The **DA3-V22-R3** is a specialized electronic component, typically identified as a **high-precision digital-to-analog expansion module** or a specific **servo drive control board** depending on the manufacturer (commonly associated with industrial automation brands like Delta or similar PLC ecosystem providers). Below is a breakdown of its electronic characteristics and functional architecture. --- ## 1. Core Technical Specifications The "DA" prefix usually denotes **Digital-to-Analog** conversion. This module is designed to take digital signals from a controller and convert them into precise voltage or current outputs. | Feature | Specification (Typical) | | :--- | :--- | | **Output Channels** | 2 to 4 Independent Channels | | **Resolution** | 12-bit to 16-bit (High Precision) | | **Voltage Output Range** | -10V to +10V DC | | **Current Output Range** | 0mA to 20mA or 4mA to 20mA | | **Isolation** | Opto-isolated between bus and I/O | | **Response Time** | < 2ms | --- ## 2. Key Electronic Components The internal PCB of the DA3-V22-R3 consists of several critical stages: ### A. Digital Processing Unit * **MCU/FPGA:** A micro-controller or logic chip that communicates with the main PLC/Controller via a backplane bus. It interprets the digital values assigned to the output registers. * **Buffer Memory:** Stores incoming data to ensure smooth output transitions even if the bus experiences slight latency. ### B. DAC (Digital-to-Analog Converter) IC * The heart of the module. It converts the binary code into a discrete voltage level. The **R3 revision** often implies an updated chipset for better thermal stability and lower "noise" in the output signal compared to R1 or R2. ### C. Signal Conditioning & Amplification * **Operational Amplifiers (Op-Amps):** Used to scale the DAC output to the required industrial levels (e.g., boosting a 3.3V DAC signal to a 10V industrial signal). * **Calibration Circuitry:** Precision resistors and potentiometers (or digital trims) used to ensure the output is exactly 0V when the digital value is 0. ### D. Protection & Isolation * **Optocouplers:** Provide electrical isolation to protect the sensitive CPU from high-voltage spikes on the analog output lines. * **Surge Suppressors (TVS Diodes):** Protect the output terminals against Electrostatic Discharge (ESD) and back-EMF from connected actuators. --- ## 3. Terminal Mapping (Typical Pins) The wiring interface for the R3 revision usually follows this standard layout: | Terminal | Label | Description | | :--- | :--- | :--- | | **V+** | Voltage Output | Positive terminal for 0-10V signal | | **I+** | Current Output | Positive terminal for 4-20mA signal | | **COM** | Common/Ground | The reference return path for the signals | | **FE** | Functional Earth | Shielding connection to reduce EMI | --- ## 4. Common Applications 1. **Variable Frequency Drives (VFDs):** Controlling motor speed via a 0-10V signal. 2. **Proportional Valves:** Precision control of hydraulic or pneumatic pressure. 3. **Temperature Control:** Sending setpoints to external heaters. 4. **Actuators:** Positioning linear actuators in automated assembly lines.
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring differences between the R3 and earlier R2 revisions?
    • ⤷ How do I configure the resolution settings in the software for this module?
    • ⤷ Does the DA3-V22-R3 require an external 24V DC power supply for the analog outputs?