データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • DAC8564B

  • AI
    ## Overview of the DAC8564B The **DAC8564B** is a low-power, voltage-output, four-channel (quad), 16-bit digital-to-analog converter (DAC). It is widely used in industrial process control, instrumentation, and data acquisition systems due to its high resolution and integrated reference. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Resolution** | 16-Bit | | **Number of Channels** | 4 (Quad) | | **Interface** | 3-Wire SPI (Up to 50 MHz) | | **Internal Reference** | 2.5V (2ppm/°C drift) | | **Supply Voltage (AVDD)** | 2.7V to 5.5V | | **Output Type** | Buffered Voltage | | **Settling Time** | 10 µs | --- ### 2. Internal Electronic Architecture The device consists of several critical functional blocks that handle the conversion process: #### A. The Resistor String DAC The DAC8564B utilizes a **resistor string architecture**. This provides inherent monotonicity, ensuring that the output voltage always increases (or stays the same) as the digital input code increases. This is crucial for control loop stability. #### B. Precision Internal Reference The "B" grade indicates a high-precision internal reference. * **Voltage:** 2.5V. * **Performance:** It features a very low temperature drift (2ppm/°C typical), which minimizes output errors over varying operating temperatures. * **External Option:** The internal reference can be disabled to use an external reference via the $V_{REF}$ pin. #### C. Output Amplifiers Each of the four channels has an internal rail-to-rail output amplifier. * **Gain:** The output range is generally $2 \times V_{REF}$. * **Drive:** These buffers allow the DAC to drive resistive loads down to $2k\Omega$ and capacitive loads up to $200pF$. --- ### 3. Digital Interface & Logic The device communicates via a high-speed, 3-wire serial interface compatible with SPI, QSPI, and Microwire standards. * **Shift Register:** A 24-bit shift register accepts data. * *Bits 23-16:* Control and Address bits (selects which channel to update). * *Bits 15-0:* The 16-bit DAC data code. * **LDAC (Load DAC) Pin:** This hardware pin allows all four DAC outputs to be updated simultaneously, preventing "skew" between channel changes. * **Power-On Reset (POR):** The "B" version specifically initializes the DAC outputs to **zero-scale** (0V) upon power-up, ensuring a known safe state for connected hardware. --- ### 4. Pin Configuration Summary | Pin Name | Function | | :--- | :--- | | **AVDD** | Power Supply (2.7V - 5.5V) | | **VOUT A-D** | Analog Output Voltages | | **SCLK** | Serial Clock Input | | **DIN** | Serial Data Input | | **SYNC** | Level-triggered control input (Active Low) | | **VREF** | Reference Input/Output | | **GND** | Ground | --- ### 5. Application Circuit Considerations When designing with the DAC8564B, consider the following electronic best practices: 1. **Bypassing:** Use a $0.1\mu F$ ceramic capacitor in parallel with a $10\mu F$ tantalum capacitor at the AVDD pin to minimize noise. 2. **Reference Loading:** If using the internal reference to drive external components, ensure the load does not exceed the specified current limits to avoid voltage sag. 3. **Layout:** Keep the digital signal traces (SCLK, DIN) away from the analog output traces (VOUT) to prevent digital feedthrough noise.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the DAC8564 and the DAC8565 versions?
    • ⤷ How do I calculate the output voltage based on a specific 16-bit hex code?
    • ⤷ Can the DAC8564B be used for bipolar output ranges
    • ⤷ and if so
    • ⤷ how?