データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • DAN-R

  • AI
    The **DAN-R** (Digital Audio Network - Receiver) is a specialized electronic device used primarily in professional audio environments to interface high-quality audio with networking protocols, most commonly **Dante**. Below is a breakdown of the core electronic components and their functions. --- ### 1. Key Internal Electronic Components | Component | Function | Description | | :--- | :--- | :--- | | **SoM (System on Module)** | Brain | Usually a Brooklyn II or Broadway module that handles the Dante protocol and synchronization. | | **FPGA / DSP** | Processing | Handles digital signal processing, routing, and low-latency audio packet timing. | | **DAC (Digital-to-Analog Converter)** | Output Conversion | High-fidelity chips (e.g., Burr-Brown or ESS Sabre) that convert network packets into audible voltage. | | **ADC (Analog-to-Digital Converter)** | Input Conversion | Used in units that also support return channels or local monitoring. | | **Clocking System** | Synchronization | High-precision crystal oscillators to ensure "Word Clock" stability across the network. | --- ### 2. Physical Ports and Interface The electronic architecture is defined by its inputs and outputs (I/O): * **Ethernet Port (RJ45):** This is the primary input. It uses **Power over Ethernet (PoE)** in many models, meaning the device receives both data and electrical power through a single Cat5e/Cat6 cable. * **Analog Outputs (XLR or TRS):** These are the physical terminals where the converted audio signal exits to reach amplifiers or active speakers. * **Status LEDs:** Small light-emitting diodes that indicate: * **Sys:** System power/readiness. * **Sync:** Connection to the Dante Master Clock. * **Signal:** Presence of audio data. --- ### 3. Power Management Most DAN-R units utilize two possible power paths: 1. **PoE (802.3af/at):** Internal transformer circuitry extracts 48V from the Ethernet line and steps it down to 5V or 3.3V for the internal chips. 2. **DC Input:** A secondary barrel jack for localized power supplies (usually 12V), often used as a redundant fail-safe. ### 4. Signal Flow Diagram ```mermaid graph LR A[Network Input] --> B[Ethernet PHY] B --> C[Dante Module/FPGA] C --> D[DAC Chip] D --> E[Analog Output Stage] E --> F[XLR/TRS Out] ``` --- ### Summary of Specifications * **Sampling Rates:** Typically supports 44.1kHz up to 96kHz. * **Bit Depth:** 24-bit or 32-bit audio processing. * **Latency:** Sub-millisecond (often 0.15ms to 1.0ms depending on network hops).
    ✨ Follow-up Questions
    • ⤷ What are the specific differences between a DAN-R and a DAN-TX unit?
    • ⤷ How does Power over Ethernet (PoE) impact the heat dissipation of these devices?
    • ⤷ Which DAC chips are most commonly used in professional Dante receivers?