データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • DB1-R2

  • AI
    The **DB1-R2** is a specific iteration of a development board or component carrier, most commonly associated with the **DreamBlade** series or specialized motor driver/sensor breakout boards used in robotics and DIY electronics. Below is an overview of the typical electronic architecture and components found on a DB1-R2 board. --- ### 1. Core Component Breakdown | Component Category | Description | Common Parts/Specifications | | :--- | :--- | :--- | | **Microcontroller (MCU)** | The "brain" of the board, handling logic and I/O. | Often an ESP32, STM32, or ATMega depending on the specific vendor. | | **Voltage Regulation** | Steps down input voltage to usable levels (3.3V or 5V). | LDO (Low-Dropout) regulators or Buck Converters. | | **Motor Drivers** | H-Bridge circuits used to control DC or Stepper motors. | Integrated ICs (e.g., DRV8833 or TB6612FNG). | | **Communication Interface** | Hardware for programming and data transfer. | USB-to-UART Bridge (CP2102 or CH340). | | **Protection Circuitry** | Prevents damage from electrical faults. | Schottky diodes, Resettable fuses (PTC), and Decoupling capacitors. | --- ### 2. Key Connectivity Features The "R2" designation usually implies a **Revision 2**, featuring improved routing or updated connectors. Typical electronic interfaces include: * **GPIO Headers:** Pin rows for digital input/output, PWM (Pulse Width Modulation), and ADC (Analog to Digital Conversion). * **I2C/UART/SPI Ports:** Dedicated headers for connecting external sensors (IMUs, OLED displays, or GPS modules). * **Power Input:** Usually a screw terminal or barrel jack supporting a range of 6V to 12V. --- ### 3. Schematic Logic (Typical Implementation) The board layout is generally optimized to minimize electrical noise, especially if motor drivers are present. ```mermaid graph LR A[Power Input] --> B[Voltage Regulator] B --> C[Microcontroller] C --> D[Motor Driver IC] C --> E[I/O Headers] D --> F[Motor Outputs] ``` --- ### 4. Common Technical Specifications (General Class) * **Operating Voltage:** 3.3V Logic. * **Input Voltage (VIN):** 5V - 15V. * **Peripherals:** Integrated Boot/Reset buttons and Status LEDs (Power, TX/RX). * **Mounting:** Standard M3 holes for chassis integration.
    ✨ Follow-up Questions
    • ⤷ What is the specific manufacturer of your DB1-R2 board?
    • ⤷ Are you looking for the pinout diagram for this specific revision?
    • ⤷ Do you need help troubleshooting a power or communication issue with the board?