データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • DB152S

  • AI
    The **DB152S** is a specific model of a **Single-Phase Glass Passivated Bridge Rectifier**. It is designed to convert alternating current (AC) into direct current (DC) and is commonly found in power supplies for small consumer electronics. --- ## 1. Core Technical Specifications The DB152S belongs to the "DB" series of bridge rectifiers. Below are the primary electrical characteristics: | Parameter | Value | Description | | :--- | :--- | :--- | | **Maximum Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 100V | The maximum voltage it can block in the reverse direction. | | **Maximum RMS Voltage** | 70V | The maximum continuous AC voltage it can handle. | | **Maximum Average Forward Rectified Current ($I_{O}$)** | 1.5A | The total DC current output the device can sustain. | | **Peak Forward Surge Current ($I_{FSM}$)** | 50A | Maximum non-repetitive current pulse (8.3ms). | | **Operating Temperature Range** | -55°C to +150°C | The safe thermal range for operation. | --- ## 2. Pin Configuration and Package The DB152S typically comes in a **DB-S (Surface Mount)** package. It is a compact, 4-pin integrated circuit. ### Pinout Mapping: 1. **Pin 1 (~):** AC Input (connects to the transformer or AC source). 2. **Pin 2 (~):** AC Input (connects to the other side of the AC source). 3. **Pin 3 (-):** Negative DC Output (Ground). 4. **Pin 4 (+):** Positive DC Output (Rectified voltage). --- ## 3. Key Electronic Features * **Glass Passivated Junction:** The internal diode chips are coated with a layer of glass, which protects the semiconductor from moisture and contaminants, increasing reliability and reducing leakage current. * **Surface Mount Design (SMD):** Designed for automated PCB assembly processes (pick-and-place), making it ideal for modern compact electronics. * **Low Forward Voltage Drop:** Typically around 1.1V per diode, which helps minimize power dissipation as heat. --- ## 4. Typical Applications The DB152S is utilized in low-to-medium power conversion tasks, such as: * **AC-to-DC Adapters:** Charging circuits for mobile devices and laptops. * **LED Drivers:** Converting mains AC to stable DC for LED lighting. * **Battery Chargers:** Small appliances and handheld tool chargers. * **Auxiliary Power Supplies:** Secondary power rails in televisions or monitors.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the DB152S and the DB157S?
    • ⤷ How do you calculate the heat dissipation for this bridge rectifier?
    • ⤷ Can I use a DB152S in a circuit with a 120V AC input?