データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • DBCUSB2AB2.5M

  • AI
    The **DBCUSB2AB2.5M** is a standardized industrial-grade USB interface cable. The model name follows a specific nomenclature used by manufacturers (often associated with Delta Electronics or similar automation brands) to define its physical and electrical characteristics. --- ## 1. Technical Specification Table | Feature | Description | | :--- | :--- | | **Interface Type** | USB 2.0 (High Speed) | | **Connector A** | USB Type A (Male) - Host side | | **Connector B** | USB Type B (Male) - Device side | | **Length** | 2.5 Meters (~8.2 feet) | | **Shielding** | Double Shielded (Foil + Braided) | | **Conductor Material** | High-grade Oxygen-Free Copper (OFC) | | **Transfer Rate** | Up to 480 Mbps | --- ## 2. Key Electronic Components & Design ### A. Internal Wiring (The 4-Wire Standard) Internally, this cable consists of four primary conductors, typically color-coded to meet the USB 2.0 standard: 1. **VCC (Red):** Carries +5V DC power from the host to the device. 2. **D- (White):** Differential data signal (negative). 3. **D+ (Green):** Differential data signal (positive). 4. **GND (Black):** Ground wire to complete the circuit. ### B. Signal Integrity Features Since the cable is 2.5 meters long, signal degradation is a concern. The "DBC" series typically includes: * **Twisted Pair Geometry:** The D+ and D- wires are twisted together to minimize **Electromagnetic Interference (EMI)** and crosstalk. * **Ferrite Cores (Optional/Common):** Many versions of this cable include a molded ferrite bead near the connectors to suppress high-frequency noise. * **Gold-Plated Contacts:** Often used on the pins to prevent oxidation and ensure low contact resistance over long-term use in industrial environments. ### C. Insulation and Jacket * **Inner Insulation:** Polyethylene (PE) or PVC for the individual wires. * **Outer Jacket:** Heavy-duty PVC or PUR, designed to resist oil, chemicals, and abrasion—standard for PLC-to-PC communication. --- ## 3. Common Applications This specific cable is primarily used in **Industrial Automation** for the following tasks: * **PLC Programming:** Connecting a laptop to a Programmable Logic Controller (like Delta DVP series). * **HMI Interfacing:** Uploading/Downloading screen projects to Human Machine Interfaces. * **Servo Tuning:** Linking a PC to a Servo Drive for configuration via manufacturer software.
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout differences between USB Type A and Type B connectors?
    • ⤷ How does the 2.5-meter length affect voltage drop compared to a standard 1-meter cable?
    • ⤷ Is this cable compatible with USB 3.0 ports for data transfer?