データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • DBCUSB2AB5M

  • AI
    The **DBCUSB2AB5M** is a specific model of high-quality USB cable, typically categorized under professional AV or industrial-grade connectivity components. Based on its nomenclature, it is a **USB 2.0 Type-A to Type-B cable** with a length of **5 meters**. --- ## 1. Technical Specifications The electronic integrity of this cable is defined by its ability to maintain signal strength over a relatively long distance (5 meters) for the USB 2.0 standard. | Feature | Specification | | :--- | :--- | | **Interface Standard** | USB 2.0 (High-Speed) | | **Data Transfer Rate** | Up to 480 Mbps | | **Connector A** | USB Type-A (Male) | | **Connector B** | USB Type-B (Male) | | **Length** | 5 Meters (approx. 16.4 feet) | | **Shielding** | Dual Shielding (Foil + Braid) | | **Wire Gauge** | Typically 24 AWG (Power) / 28 AWG (Data) | --- ## 2. Key Electronic Components & Construction ### A. Internal Wiring (Conductors) The cable consists of four main copper conductors: 1. **VCC (+5V):** Provides power to the peripheral device. 2. **D- (Data Minus):** Differential pair for data transmission. 3. **D+ (Data Plus):** Differential pair for data transmission. 4. **GND (Ground):** Completes the circuit. ### B. Signal Integrity Features Because 5 meters is the maximum theoretical limit for a passive USB 2.0 cable, the electronic construction must be precise: * **Twisted Pair Architecture:** The D+ and D- lines are twisted to minimize electromagnetic interference (EMI) and crosstalk. * **Shielding:** A combination of Aluminum Mylar foil and a tinned copper braid protects the data signal from external radio frequency interference (RFI). * **Gold-Plated Contacts:** The connectors usually feature gold plating (typically 3µ to 30µ) to prevent oxidation and ensure low contact resistance over time. ### C. The 5-Meter Limit Consideration In electronics, the **propagation delay** and **voltage drop** become significant at 5 meters. The DBCUSB2AB5M is designed with thicker power conductors (24 AWG) to ensure that the 5V power supply does not drop below the operational threshold of the connected device (e.g., a printer or audio interface). --- ## 3. Common Applications This specific part is frequently used for: * **Audio Interfaces (DACs):** Connecting computers to professional recording equipment. * **Industrial Printing:** Connecting PC controllers to heavy-duty plotters or thermal printers. * **Legacy Hardware:** Connecting to external hard drive enclosures or scanners that utilize the Type-B port. ---
    ✨ Follow-up Questions
    • ⤷ Does the DBCUSB2AB5M require an active repeater for its 5-meter length?
    • ⤷ What is the difference in performance between 24 AWG and 28 AWG power wires in this cable?
    • ⤷ Can this cable support USB 3.0 data transfer speeds?